전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP0610K 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TP0610K
상세설명  P-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610K 데이터시트(HTML) 1 Page - Vishay Siliconix

  TP0610K Datasheet HTML 1Page - Vishay Siliconix TP0610K Datasheet HTML 2Page - Vishay Siliconix TP0610K Datasheet HTML 3Page - Vishay Siliconix TP0610K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP0610K
Vishay Siliconix
New Product
Document Number: 71411
S-04279—Rev. C, 16-Jul-01
www.vishay.com
11-1
P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS(min) (V)
rDS(on) (W)
VGS(th) (V)
ID (mA)
–60
6 @ VGS = –10 V
–1 to –3.0
–185
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 6 Ω
D Low Threshold: –2 V (typ)
D Fast Swtiching Speed: 20 ns (typ)
D Low Input Capacitance: 20 pF (typ)
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Easily Driven Without Buffer
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories, Transistors, etc.
D Battery Operated Systems
D Power Supply Converter Circuits
D Solid State Relays
TO-236
(SOT-23)
Top View
2
1
S
D
G
3
Marking Code: 6Kwll
6K = Part Number Code for TP0610K
w = Week Code
ll = Lot Traceability
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
–60
Gate-Source Voltage
VGS
"20
V
TA = 25_C
–185
Continuous Drain Currenta
TA = 100_C
ID
–115
mA
Pulse Drain Currentb
IDM
–800
TA = 25_C
350
Power Dissipationa
TA = 100_C
PD
140
mW
Maximum Junction-to-Ambienta
RthJA
350
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Notes
a.
Surface mounted on FR4 board.
b.
Pulse width limited by maximum junction temperature.


유사한 부품 번호 - TP0610K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
TP0610K VISHAY-TP0610K Datasheet
213Kb / 8P
   P-Channel 60 V (D-S) MOSFET
Rev. H, 05-Jul-10
TP0610K VISHAY-TP0610K Datasheet
180Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
TP0610K TECHPUBLIC-TP0610K Datasheet
2Mb / 5P
   1.7Q ,60V P-Channel MOSFET
logo
Vishay Siliconix
TP0610K-T1-E3 VISHAY-TP0610K-T1-E3 Datasheet
213Kb / 8P
   P-Channel 60 V (D-S) MOSFET
Rev. H, 05-Jul-10
More results

유사한 설명 - TP0610K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com