전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4542DY 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI4542DY
상세설명  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4542DY 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI4542DY Datasheet HTML 1Page - Vishay Siliconix SI4542DY Datasheet HTML 2Page - Vishay Siliconix SI4542DY Datasheet HTML 3Page - Vishay Siliconix SI4542DY Datasheet HTML 4Page - Vishay Siliconix SI4542DY Datasheet HTML 5Page - Vishay Siliconix SI4542DY Datasheet HTML 6Page - Vishay Siliconix SI4542DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 70666
S09-0868-Rev. G, 18-May-09
Vishay Siliconix
Si4542DY
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70666.
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
40
10
1
0
0.3
0.6
0.9
1.2
1.5
TJ = 150 °C
TJ = 25 °C
TJ - Temperature (°C)
- 0.4
- 0.2
0.0
0.2
0.4
0.6
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
VGS - Gate-to-Source Voltage (V)
0.00
0.04
0.08
0.12
0.16
0.20
0
2468
10
ID = 6.1 A
0
5
10
15
20
25
30
0.01
0.10
1.00
10.00
Time (s)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
110
30
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 62.5 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


유사한 부품 번호 - SI4542DY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI4542DY FAIRCHILD-SI4542DY Datasheet
56Kb / 4P
   30V Complementary PowerTrench MOSFET
logo
Vishay Siliconix
SI4542DY VISHAY-SI4542DY Datasheet
120Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
Si4542DY-T1-E3 VISHAY-Si4542DY-T1-E3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
logo
VBsemi Electronics Co.,...
SI4542DY-T1-E3 VBSEMI-SI4542DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI4542DY-T1-GE3 VISHAY-SI4542DY-T1-GE3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
More results

유사한 설명 - SI4542DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com