전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4569DY 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4569DY
상세설명  N- and P-Channel 40-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4569DY 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4569DY Datasheet HTML 1Page - Vishay Siliconix SI4569DY Datasheet HTML 2Page - Vishay Siliconix SI4569DY Datasheet HTML 3Page - Vishay Siliconix SI4569DY Datasheet HTML 4Page - Vishay Siliconix SI4569DY Datasheet HTML 5Page - Vishay Siliconix SI4569DY Datasheet HTML 6Page - Vishay Siliconix SI4569DY Datasheet HTML 7Page - Vishay Siliconix SI4569DY Datasheet HTML 8Page - Vishay Siliconix SI4569DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 73586
S09-0393-Rev. B, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4569DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 4 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 4 Ω
ID ≅ - 5 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
6
12
ns
P-Ch
7
14
Rise Time
tr
N-Ch
11
20
P-Ch
15
25
Turn-Off Delay Time
td(off)
N-Ch
24
36
P-Ch
51
77
Fall Time
tf
N-Ch
6
12
P-Ch
54
81
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 4 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 4 Ω
ID ≅ - 5 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
12
20
P-Ch
26
40
Rise Time
tr
N-Ch
60
90
P-Ch
105
160
Turn-Off Delay Time
td(off)
N-Ch
22
33
P-Ch
60
90
Fall Time
tf
N-Ch
5
10
P-Ch
60
90
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.6
A
P-Ch
- 2.6
Pulse Diode Forward Currenta
ISM
N-Ch
20
P-Ch
- 20
Body Diode Voltage
VSD
IS = 1.5 A
N-Ch
0.73
1.2
V
IS = - 1.6 A
P-Ch
- 0.73
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 5 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
26
40
ns
P-Ch
30
45
Body Diode Reverse Recovery Charge
Qrr
N-Ch
21
32
nC
P-Ch
24
36
Reverse Recovery Fall Time
ta
N-Ch
13
ns
P-Ch
15
Reverse Recovery Rise Time
tb
N-Ch
13
P-Ch
15


유사한 부품 번호 - SI4569DY

제조업체부품명데이터시트상세설명
logo
Vaishali Semiconductor
SI4569DY VAISH-SI4569DY Datasheet
355Kb / 4P
   N- and P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4569DY VISHAY-SI4569DY Datasheet
134Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4569DY-T1-E3 VBSEMI-SI4569DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Vishay Siliconix
SI4569DY VISHAY-SI4569DY_V01 Datasheet
134Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4569DY

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com