전자부품 데이터시트 검색엔진 |
|
SMAFJ250A 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SMAFJ250A 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 5 page SMAFJ5.0A(CA) - SMAFJ440A(CA) Polarlty : Color band denotes cathode end Method2026 Terminals: Solder plated,solderable per MIL-STD, Case: SMAF, Plastic SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE POWER: 400Wa t t s VOLTAGE RANGE: 5.0 - 440V Maximum Ratings @ TA = 25°C unless otherwise specified Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA =25°C) (Note 1) PPK 400 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3) IFSM 40 A Instantaneous Forward Voltage @ IPP = 35A (Notes 1, 2, & 3) VF 3.5 V Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Notes: 1. Valid provided that terminals are kept at ambient temperature. 2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. 3. Unidirectional units only. Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Material: UL Flammability Classification Rating 94V-0 Features ! ! ! ! ! Characteristic Symbol Value Unit See Page 2 Mechanical Data Marking: Date Code and Marking Code ! ! ! ! ! Weight:0.0018 ounce, 0.064 grams 1 of 5 www.sunmate.tw 0.65 0.67 0.63 1.40 1.42 1.38 1.00 1.03 0.097 2.60 2.63 2.57 3.70 3.72 3.68 4.75 4.85 4.80 SMAF A E L B C E H D 0.15 0.17 0.13 E D A Dim Min Max Typ B C H L All Dimensions in mm |
유사한 부품 번호 - SMAFJ250A |
|
유사한 설명 - SMAFJ250A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |