전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6406F 데이터시트(PDF) 4 Page - Rohm

부품명 BA6406F
상세설명  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6406F 데이터시트(HTML) 4 Page - Rohm

  BA6406F Datasheet HTML 1Page - Rohm BA6406F Datasheet HTML 2Page - Rohm BA6406F Datasheet HTML 3Page - Rohm BA6406F Datasheet HTML 4Page - Rohm BA6406F Datasheet HTML 5Page - Rohm BA6406F Datasheet HTML 6Page - Rohm BA6406F Datasheet HTML 7Page - Rohm BA6406F Datasheet HTML 8Page - Rohm BA6406F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
4/12
Datasheet
Datasheet
TSZ02201-0H1H0B100480-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6406F
www.rohm.com
0
1
2
3
4
5
0
6
12
18
24
30
Supply voltage, Vcc [V]
●特性データ(参考データ)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
0
6
12
18
24
30
Supply voltage, Vcc [V]
0.0
0.2
0.4
0.6
0.8
1.0
02
46
8
10
AL current, IAL[mA]
-20
-10
0
10
20
0
6
12
18
24
30
Supply voltage, Vcc [V]
-40℃
100℃
25℃
Fig.3 Circuit current
Operating Voltage Range
Fig.4 Hall input hysteresis
-40℃
100℃
25℃
25℃
-40℃
100℃
Operating Voltage Range
Fig.5 AL output L voltage
100℃
25℃
-40℃
Fig.6 Charge-discharge current of
capacitor for lock detection
Operating Voltage Range
100℃
25℃
-40℃
-40℃
100℃
25℃
ILDC
ILDD


유사한 부품 번호 - BA6406F

제조업체부품명데이터시트상세설명
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F Datasheet
88Kb / 5P
   Silicon Monolithic Integrated Circuit
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_11 Datasheet
88Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

유사한 설명 - BA6406F

제조업체부품명데이터시트상세설명
logo
Rohm
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com