전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC06A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 74LVC06A
상세설명  Low-Voltage CMOS Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06A 데이터시트(HTML) 4 Page - ON Semiconductor

  74LVC06A_15 Datasheet HTML 1Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 2Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 3Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 4Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 5Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 6Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74LVC06A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Unit
−40 to +125
5C
−40 to +85
5C
Conditions
Parameter
Symbol
Unit
Max
Typ
(Note 4)
Min
Max
Typ
(Note 4)
Min
Conditions
Parameter
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
0.1
10
0.1
40
mA
DICC
Additional supply current
per input pin; VI = VCC − 0.6 V;
IO = 0 A; VCC = 2.7 V to 5.5 V
5
500
5
5000
mA
4. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 5)
Max
Min
Typ
(Note 5)
Max
tpZL
OFF−state to LOW
propagation delay An
to On
VCC = 1.2 V
9.0
ns
VCC = 1.65 V to 1.95 V
0.5
2.8
5.7
0.5
6.7
VCC = 2.3 V to 2.7 V
0.5
1.9
3.1
0.5
4.0
VCC = 2.7 V
0.5
1.8
3.9
0.5
5.0
VCC = 3.0 V to 3.6 V
0.5
1.8
3.7
0.5
5.0
VCC = 4.5 V to 5.5 V
0.5
1.5
2.5
0.5
5.0
tpLZ
LOW to OFF−state
propagation delay An
to On
VCC = 1.2 V
10.0
ns
VCC = 1.65 V to 1.95 V
0.5
2.6
5.7
0.5
6.7
VCC = 2.3 V to 2.7 V
0.5
1.4
3.1
0.5
4.0
VCC = 2.7 V
0.5
2.6
3.9
0.5
5.0
VCC = 3.0 V to 3.6 V
0.5
2.2
3.7
0.5
5.0
VCC = 4.5 V to 5.5 V
0.5
1.5
2.6
3.5
5. Typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 6)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note 6)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
6. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS (TA = +25°C)
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
5.0
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
6.0
pF
CPD
Power Dissipation Capacitance (Note 7)
Per input; VI = GND or VCC
pF
VCC = 1.65 V to 1.95 V
6.5
VCC = 2.3 V to 2.7 V
6.9
VCC = 3.0 V to 3.6 V
7.2
7. CPD is used to determine the dynamic power dissipation (PD in mW)
PD = CPD * VCC2 x fi * N + L (CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF VCC = supply voltage in Volts
N = number of outputs switching L (CL * VCC2)


유사한 부품 번호 - 74LVC06A_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC06AS14 DIODES-74LVC06AS14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AS14-13 DIODES-74LVC06AS14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14 DIODES-74LVC06AT14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14-13 DIODES-74LVC06AT14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results

유사한 설명 - 74LVC06A_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com