전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14029B 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC14029B
상세설명  Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14029B 데이터시트(HTML) 5 Page - ON Semiconductor

  MC14029B_15 Datasheet HTML 1Page - ON Semiconductor MC14029B_15 Datasheet HTML 2Page - ON Semiconductor MC14029B_15 Datasheet HTML 3Page - ON Semiconductor MC14029B_15 Datasheet HTML 4Page - ON Semiconductor MC14029B_15 Datasheet HTML 5Page - ON Semiconductor MC14029B_15 Datasheet HTML 6Page - ON Semiconductor MC14029B_15 Datasheet HTML 7Page - ON Semiconductor MC14029B_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14029B
www.onsemi.com
5
Figure 1. Power Dissipation Test Circuit and Waveform
VDD
ID
500 pF
0.01
mF
CERAMIC
PULSE
GENERATOR
PE
Cin
B/D
U/D
CLK
P0
P1
P2
P3
Cout
Q3
Q2
Q1
Q0
CL
CL
CL
CL
CL
VDD
VSS
20 ns
20 ns
CLK
50%
90%
10%
VARIABLE
WIDTH
Figure 2. Switching Time Test Circuit and Waveforms
PROGRAMMABLE
PULSE
GENERATOR
VDD
PE
Cin
B/D
U/D
CLK
P0
P1
P2
P3
Cout
Q3
Q2
Q1
Q0
CL
VSS
CL
CL
CL
CL
tW
tsu
trem
1/fcl
50%
50%
tW
Cout ONLY
tTLH
tPLH
tPLH
tPHL
tTHL
90%
10%
90%
10%
20 ns
CARRY IN OR
UP/DOWN
OR BINARY/DECADE
CLOCK
PRESET ENABLE
Q0 OR CARRY OUT
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL


유사한 부품 번호 - MC14029B_15

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14029BCL MOTOROLA-MC14029BCL Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
MC14029BCP MOTOROLA-MC14029BCP Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029BCP ONSEMI-MC14029BCP Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
MC14029BCP ONSEMI-MC14029BCP Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029BCPG ONSEMI-MC14029BCPG Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
More results

유사한 설명 - MC14029B_15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com