전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1658 데이터시트(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SK1658
상세설명  N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SK1658 데이터시트(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SK1658 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6277DSH DQG5HHO
ZZZFMHOHFFRP
B,Apr,2015
SOT-323 Tape and reel
1000
500
2000
1500
2500
3000
H
W1
W2
D
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
3000 pcs
7 inch
30,000 pcs
203×203×195
120,000 pcs
438×438×220
SOT-323 Embossed Carrier Tape
SOT-323 Tape Leader and Trailer
SOT-323 Reel
Pkg type
SOT-323
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
2.25
2.55
1.19
Ø1.55
1.75
3.50
4.00
4.00
2.00
8.00
Packaging Description:
SOT-323 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 3,000 units per 7"
or 17.8cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P1
P0
P
A
A
A
Trailer Tape
Leader Tape
50±2 Empty Pockets
100±2 Empty Pockets
Components
Reel Option
7''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø178.00
54.40
13.00
R78.00
R25.60
R6.50
9.50
12.30
C
A-A


유사한 부품 번호 - 2SK1658

제조업체부품명데이터시트상세설명
logo
NEC
2SK1658 NEC-2SK1658 Datasheet
392Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1658 RENESAS-2SK1658 Datasheet
915Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1991
More results

유사한 설명 - 2SK1658

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com