전자부품 데이터시트 검색엔진 |
|
LM2674N-5.0 데이터시트(PDF) 8 Page - National Semiconductor (TI) |
|
|
LM2674N-5.0 데이터시트(HTML) 8 Page - National Semiconductor (TI) |
8 / 26 page Typical Performance Characteristics (Circuit of Figure 2) Continuous Mode Switching Waveforms V IN = 20V, VOUT = 5V, ILOAD = 500 mA L = 100 µH, C OUT = 100 µF, COUTESR = 0.1 Ω Discontinuous Mode Switching Waveforms V IN = 20V, VOUT = 5V, ILOAD = 300 mA L=15µH, C OUT = 68 µF (2x), COUTESR=25m Ω 10004118 A: VSW Pin Voltage, 10 V/div. B: Inductor Current, 0.2 A/div C: Output Ripple Voltage, 50 mV/div AC-Coupled Horizontal Time Base: 1 µs/div 10004119 A: VSW Pin Voltage, 10 V/div. B: Inductor Current, 0.5 A/div C: Output Ripple Voltage, 20 mV/div AC-Coupled Horizontal Time Base: 1 µs/div Load Transient Response for Continuous Mode V IN = 20V, VOUT = 5V, L = 100 µH, C OUT = 100 µF, COUTESR = 0.1 Ω Load Transient Response for Discontinuous Mode V IN = 20V, VOUT = 5V, L=47µH, C OUT = 68 µF, COUTESR=50m Ω 10004120 A: Output Voltage, 100 mV/div, AC-Coupled. B: Load Current: 100 mA to 500 mA Load Pulse Horizontal Time Base: 50 µs/div 10004121 A: Output Voltage, 100 mV/div, AC-Coupled. B: Load Current: 100 mA to 400 mA Load Pulse Horizontal Time Base: 200 µs/div www.national.com 8 |
유사한 부품 번호 - LM2674N-5.0 |
|
유사한 설명 - LM2674N-5.0 |