전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL7472L1TRPbF 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 IRL7472L1TRPbF
상세설명  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL7472L1TRPbF 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button IRL7472L1TRPbF Datasheet HTML 4Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 5Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 6Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 7Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 8Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 9Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 10Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 11Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
 
IRL7472L1TRPbF
 
11
2016-8-9
Note: For the most current drawing please refer to IR webite at http://www.irf.com/package/
Qualification Information 
Qualification Level  
Industrial *
(per JEDEC JESD47Fguidelines)
Moisture Sensitivity Level
DFET (L-CAN)
MSL1
(per JEDEC J-STD-020D†)
RoHS Compliant
Yes
† Applicable version of JEDEC standard at the time of product release.
* Industrial qualification standards except autoclave test conditions.
DirectFET® Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
4.69
0.154
0.623
0.291
0.283
0.390
0.059
0.059
MAX
12.10
4.10
16.30
7.60
7.40
10.10
N.C
1.60
MIN
11.90
3.90
15.90
7.40
7.20
9.90
1.50
1.50
METRIC
DIMENSIONS
MAX
0.476
0.161
0.642
0.299
0.291
0.398
N.C
0.063
+
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4000 parts. Order as IRF7472L1TRPBF).
MAX
N.C
N.C
0.520
N.C
3.940
0.880
0.720
0.760
IMPERIAL
MIN
330.00
20.20
12.80
1.50
99.00
N.C
16.40
15.90
STANDARD OPTION (QTY 4000)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.20
N.C
100.00
22.40
18.40
19.40
MIN
12.992
0.795
0.504
0.059
3.900
N.C
0.650
0.630
METRIC


유사한 부품 번호 - IRL7472L1TRPbF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL7472L1PBF IRF-IRL7472L1PBF Datasheet
497Kb / 11P
   Brushed Motor drive applications
IRL7472L1PBF IRF-IRL7472L1PBF_15 Datasheet
497Kb / 11P
   Brushed Motor drive applications
More results

유사한 설명 - IRL7472L1TRPbF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
logo
Infineon Technologies A...
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
International Rectifier
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com