전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33337EIRZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL33337EIRZ-T
상세설명  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33337EIRZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL33337EIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL33337EIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL33334E, ISL33337E
4
FN8776.1
October 21, 2016
Submit Document Feedback
2
1
0
0
0
ON
N.A.
High-Z
N.A.
ON
115k
RS-485 Rx
2
1
0
1
0
ON
N.A.
ON
N.A.
ON
115k
RS-485 Tx
and Rx
2111
0
High-Z
N.A.
ON
N.A.
ON
115k
RS-485 Tx
2
1
0
0
1
ON
N.A.
High-Z
N.A.
ON
20M
RS-485 Rx
2
1
0
1
1
ON
N.A.
ON
N.A.
ON
20M
RS-485 Tx
and Rx
2111
1
High-Z
N.A.
ON
N.A.
ON
20M
RS-485 Tx
1 AND 2
0
X
X
X
High-Z
High-Z
High-Z
High-Z
OFF
N.A.
Shutdown
NOTE:
4. Charge pumps are off if SHDN = 0. If SHDN = 1, the charge pumps are on.
TABLE 3. ISL33334E AND ISL33337E FUNCTION TABLE
INPUTS
RECEIVER OUTPUTS
DRIVER OUTPUTS
CHARGE
PUMPS
(Note 4)
DRIVER
DATA
RATE
(bps)
MODE
PORT
SHDN
RE485
DE485
SLOW485
RO
R1OUT
AND
R2OUT
Y AND Z
T1OUT AND
T2OUT
Truth Tables
RS-232 TRANSMITTING (PORT 1)
INPUTS
OUTPUTS
SHDN
T1IN
T2IN
T1OUT
T2OUT
10
01
1
10
11
0
11
00
1
11
10
0
0XX
High-Z
High-Z
RS-232 RECEIVING (PORT 1)
INPUTS
OUTPUTS
SHDN
R1IN
R2IN
R1OUT
R2OUT
1001
1
1011
0
1100
1
1110
0
1
Open
Open
1
1
0
X
X
High-Z
High-Z
RS-485 TRANSMITTING (PORT 2)
INPUTS
OUTPUTS
SHDN DE485
DI
SLOW485
YZ
DATA RATE
(bps)
1
1
0
0
0
1
115k
1
1
1
0
1
0
115k
1
1
0
1
0
1
20M
1
1
1
1
1
0
20M
1
0
X
X
High-Z High-Z
N.A.
0
X
X
X
High-Z High-Z
N.A.
RS-485 RECEIVING (PORT 2)
INPUTS
OUTPUT
SHDN
RE485
A-B
RO
10
≥-40mV
1
10
≤-200mV
0
1
0
Open or Shorted together
1
11
X
High-Z
0X
X
High-Z


유사한 부품 번호 - ISL33337EIRZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33337EIRZ-T RENESAS-ISL33337EIRZ-T Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33337EIRZ-T7A RENESAS-ISL33337EIRZ-T7A Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

유사한 설명 - ISL33337EIRZ-T

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com