전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-24D02-VG 데이터시트(PDF) 23 Page - C&K Components

부품명 SS-24D02-VG
상세설명  Miniature Slide Switches
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SS-24D02-VG 데이터시트(HTML) 23 Page - C&K Components

Back Button SS-24D02-VG Datasheet HTML 19Page - C&K Components SS-24D02-VG Datasheet HTML 20Page - C&K Components SS-24D02-VG Datasheet HTML 21Page - C&K Components SS-24D02-VG Datasheet HTML 22Page - C&K Components SS-24D02-VG Datasheet HTML 23Page - C&K Components SS-24D02-VG Datasheet HTML 24Page - C&K Components SS-24D02-VG Datasheet HTML 25Page - C&K Components SS-24D02-VG Datasheet HTML 26Page - C&K Components SS-24D02-VG Datasheet HTML 27Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
PIERCING PLAN
SCHEMATIC
8-Ø0.8
12.2
2-Ø1.25
2
1
3
22
4
2P - 3T
R0.4
R0.4
1.2
1
90°
TYP.2
0.6
G =
12.2
0.4
2
2
0.5
4
COMAX
2.5
0.4
K
2
P
2
2
TRAVEL
12.6
6
K DETAIL 2 : 1
2
P DETAIL 2 : 1
A
B
C
2-Ø1.25
3
2
1
8-Ø0.8
SCHEMATIC
PIERCING PLAN
12.2
4
2
2
2P - 3T
0.6
R0.4
R0.4
1.2
1
90°
TYP.2
2
2
12.2
4
0.4
P
2
2
2
0.5
COMAX
TRAVEL
6
12.6
1.2
2.5
0.4
K
K DETAIL 2 : 1
2
G =
P DETAIL 2 : 1
SS-23D07-G PA 2P3T NON-SHORTING
SS-23D08-G 2P3T
I–119
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
I
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 250 ± 150 gf (2.45 ± 1.47N)
300 ± 150 gf (2.94 ± 1.47N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 80˚C
Materials
KNOB: PA
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated
.
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 150 ± 50 gf (1.47 ± 0.49N)
200 ± 100 gf (1.96 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM
FRAME: SPCC
CONTACT: Silver clad
TERMINAL: Silver plated
SS Series
Miniature Slide Switches


유사한 부품 번호 - SS-24D02-VG

제조업체부품명데이터시트상세설명
logo
C&K Components
SS-24D04-VGPA CK-COMPONENTS-SS-24D04-VGPA Datasheet
1Mb / 34P
   Miniature Slide Switches
3 Jan 23
More results

유사한 설명 - SS-24D02-VG

제조업체부품명데이터시트상세설명
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com