전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7800B 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7800B
상세설명  High CMR Isolation Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7800B 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7800B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7800B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1-216
H
High CMR Isolation Amplifiers
Technical Data
HCPL-7800
HCPL-7800A
HCPL-7800B
applications, we recommend the
HCPL-7800 which exhibits a
part-to-part gain tolerance of
± 5%. For precision applications,
HP offers the HCPL-7800A and
HCPL-7800B, each with part-to-
part gain tolerances of
± 1%.
The HCPL-7800 utilizes sigma-
delta (
Σ∆) analog-to-digital
converter technology, chopper
stabilized amplifiers, and a fully
differential circuit topology
fabricated using HP’s 1
µm
CMOS IC process. The part also
couples our high-efficiency, high-
speed AlGaAs LED to a high-
speed, noise-shielded detector
• Switch-Mode Power Supply
Signal Isolation
• General Purpose Analog
Signal Isolation
• Transducer Isolation
Description
The HCPL-7800 high CMR
isolation amplifier provides a
unique combination of features
ideally suited for motor control
circuit designers. The product
provides the precision and
stability needed to accurately
monitor motor current in high-
noise motor control environ-
ments, providing for smoother
control (less “torque ripple”) in
various types of motor control
applications.
This product paves the way for a
smaller, lighter, easier to produce,
high noise rejection, low cost
solution to motor current
sensing. The product can also be
used for general analog signal
isolation applications requiring
high accuracy, stability and
linearity under similarly severe
noise conditions. For general
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
Features
• 15 kV/
µs Common-Mode
Rejection at V
CM = 1000 V*
• Compact, Auto-Insertable
Standard 8-pin DIP Package
• 4.6
µV/°C Offset Drift vs.
Temperature
• 0.9 mV Input Offset Voltage
• 85 kHz Bandwidth
• 0.1% Nonlinearity
• Worldwide Safety Approval:
UL 1577 (3750 V rms/1 min),
VDE 0884 and CSA
• Advanced Sigma-Delta (
Σ∆)
A/D Converter Technology
• Fully Differential Circuit
Topology
• 1
µm CMOS IC Technology
Applications
• Motor Phase Current
Sensing
• General Purpose Current
Sensing
• High-Voltage Power Source
Voltage Monitoring
*The terms common-mode rejection
(CMR) and isolation-mode rejection (IMR)
are used interchangeably throughout this
data sheet.
1
2
3
4
8
7
6
5
VDD1
VIN+
VIN-
GND1
VDD2
VOUT+
VOUT-
GND2
CMR SHIELD
I DD1
I DD2
I IN
I O
+
+
-
-
5965-3592E


유사한 부품 번호 - HCPL-7800B

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7800B HP-HCPL-7800B Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800B-300 HP-HCPL-7800B-300 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800B-500 HP-HCPL-7800B-500 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
More results

유사한 설명 - HCPL-7800B

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
277 ETC1-277 Datasheet
67Kb / 1P
   Precision Isolation Amplifier High CMV/CMR,-5V Floating
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com