전자부품 데이터시트 검색엔진 |
|
MC14049BDG 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC14049BDG 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC14049B, MC14050B http://onsemi.com 2 LOGIC DIAGRAM MC14049B 14 15 11 9 7 5 3 12 10 6 4 2 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1 MC14050B 14 15 11 9 7 5 3 12 10 6 4 2 NC = PIN 13, 16 VSS = PIN 8 VDD = PIN 1 ORDERING INFORMATION Device Package Shipping† MC14049BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14049BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel NLV14049BDR2G* SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14049BFELG SOEIAJ−16 (Pb−Free) 2000 Units / Tape & Reel MC14050BDG SOIC−16 (Pb−Free) 48 Units / Rail NLV14050BDG* SOIC−16 (Pb−Free) 48 Units / Rail MC14050BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel NLV14050BDR2G* SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14050BDTG TSSOP−16 (Pb−Free) 96 Units / Rail NLV14050BDTG* TSSOP−16 (Pb−Free) 96 Units / Rail MC14050BDTR2G TSSOP−16 (Pb−Free) 2500 Units / Tape & Reel MC14050BFELG SOEIAJ−16 (Pb−Free) 2000 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. |
유사한 부품 번호 - MC14049BDG |
|
유사한 설명 - MC14049BDG |