전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14528BDG 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC14528BDG
상세설명  Dual Monostable Multivibrato
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BDG 데이터시트(HTML) 6 Page - ON Semiconductor

  MC14528BDG Datasheet HTML 1Page - ON Semiconductor MC14528BDG Datasheet HTML 2Page - ON Semiconductor MC14528BDG Datasheet HTML 3Page - ON Semiconductor MC14528BDG Datasheet HTML 4Page - ON Semiconductor MC14528BDG Datasheet HTML 5Page - ON Semiconductor MC14528BDG Datasheet HTML 6Page - ON Semiconductor MC14528BDG Datasheet HTML 7Page - ON Semiconductor MC14528BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14528B
http://onsemi.com
6
INPUT CONNECTIONS
Characteristics
Reset
A
B
tPLH, tPHL, tTLH, tTHL, tW
VDD
PG1
VDD
tPLH, tPHL, tTLH, tTHL, tW
VDD
VSS
PG2
tPLH(R), tPHL(R), tW
PG3
PG1
PG2
Figure 5. AC Test Waveforms
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL
VOH
VOL
90%
10%
90%
10%
50%
50%
50%
50%
50%
trr
50%
tTLH
tTHL
tTLH
tTHL
90%
10%
tTLH
tTHL
tTHL
tTLH
50%
90%
10%
50%
50%
tWL
tPLH
50%
50%
50%
90%
10%
A
B
Q
Q
RESET
tWH
tTLH
tTHL
tPHL
tPHL
tPHL
tWL
tPHL
tW
Figure 6. Pulse Width versus CX
100,000
10,000
1000
100
10
CX, EXTERNAL CAPACITANCE (pF)
1000
100
10
1.0
0.1
VDD = 15 V
10 V
5.0 V
15 V
10 V
5.0 V
15 V
10 V
5.0 V
RX = 5.0 kW
15 V
10 V
5.0 V
RX = 100 kW
RX = 10 kW
Figure 4. AC Test Circuit
PULSE
GENERATOR
PULSE
GENERATOR
PULSE
GENERATOR
VDD
RX
CX
RX
CX
VSS
A
B
RESET
A
B
RESET
Q
Q
Q
Q
CL
CL
CL
CL
PG1 =
PG2 =
PG3 =
*CX = 15 pF
*CL = 15 pF
RX = 5.0 kW
*Includes capacitance of probes,
wiring, and fixture parasitic.
NOTE: AC test waveforms for
PG1, PG2, and PG3 on
next page.


유사한 부품 번호 - MC14528BDG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14528BDG ONSEMI-MC14528BDG Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

유사한 설명 - MC14528BDG

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com