전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14538BDR2G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC14538BDR2G
상세설명  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BDR2G 데이터시트(HTML) 2 Page - ON Semiconductor

  MC14538BDR2G Datasheet HTML 1Page - ON Semiconductor MC14538BDR2G Datasheet HTML 2Page - ON Semiconductor MC14538BDR2G Datasheet HTML 3Page - ON Semiconductor MC14538BDR2G Datasheet HTML 4Page - ON Semiconductor MC14538BDR2G Datasheet HTML 5Page - ON Semiconductor MC14538BDR2G Datasheet HTML 6Page - ON Semiconductor MC14538BDR2G Datasheet HTML 7Page - ON Semiconductor MC14538BDR2G Datasheet HTML 8Page - ON Semiconductor MC14538BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC14538B
http://onsemi.com
2
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
AB
RESET B
CX/RXB
VSS
VDD
QB
QB
BB
AA
RESET A
CX/RXA
VSS
VSS
QA
QA
BA
BLOCK DIAGRAM
VDD
VDD
6
7
10
9
12
11
5
4
A
B
CX
RX
12
Q1
Q1
RESET
3
CX
RX
15
14
Q2
Q2
RESET
13
A
B
RX AND CX ARE EXTERNAL COMPONENTS.
VDD = PIN 16
VSS = PIN 8, PIN 1, PIN 15
ONE−SHOT SELECTION GUIDE
100 ns
MC14528B
MC14536B
MC14538B
MC14541B
MC4538A*
1
ms
10
ms100 ms
1 ms
10 ms
100 ms
1 s
10 s
*LIMITED OPERATING VOLTAGE (2 - 6 V)
TOTAL OUTPUT PULSE WIDTH RANGE
RECOMMENDED PULSE WIDTH RANGE
23 HR
5 MIN.
ORDERING INFORMATION
Device
Package
Shipping
MC14538BDG
SOIC−16
(Pb−Free)
48 Units / Rail
NLV14538BDG*
SOIC−16
(Pb−Free)
48 Units / Rail
MC14538BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14538BDR2G*
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
MC14538BDTR2G
TSSOP−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14538BDTR2G*
TSSOP−16
(Pb−Free)
2500 Units / Tape & Reel
MC14538BDWG
SOIC−16 WB
(Pb−Free)
47 Units / Rail
NLV14538BDWG*
SOIC−16 WB
(Pb−Free)
47 Units / Rail
MC14538BDWR2G
SOIC−16 WB
(Pb−Free)
1000 Units / Tape & Reel
NLV14538BDWR2G*
SOIC−16 WB
(Pb−Free)
1000 Units / Tape & Reel
MC14538BFG
SOEIAJ−16
(Pb−Free)
50 Units / Rail
MC14538BFELG
SOEIAJ−16
(Pb−Free)
2000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


유사한 부품 번호 - MC14538BDR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14538BDR2G ONSEMI-MC14538BDR2G Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BDR2G ONSEMI-MC14538BDR2G Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results

유사한 설명 - MC14538BDR2G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com