전자부품 데이터시트 검색엔진 |
|
FC0308RSWCBE 데이터시트(PDF) 4 Page - C&K Components |
|
FC0308RSWCBE 데이터시트(HTML) 4 Page - C&K Components |
4 / 4 page K K–24 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com Third Angle Projection F Series Miniature ROTA-SLIDE® Rotary Switches CONTACT MATERIAL SEAL E EPOXY SEAL NONE NO SEAL Not available on FCXX models. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. 1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. 2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options). All models with all options when ordered with ‘Q’ contact material. NOTE: Any models supplied with Q or B contact material are RoHS compliant. CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA). LOW LEVEL/DRY CIRCUIT B SILVER 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX. GOLD 1 |
유사한 부품 번호 - FC0308RSWCBE |
|
유사한 설명 - FC0308RSWCBE |