전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD800-10TO 데이터시트(PDF) 1 Page - Sensortechnics GmbH

부품명 AD800-10TO
상세설명  800 關m active area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD800-10TO 데이터시트(HTML) 1 Page - Sensortechnics GmbH

  AD800-10TO Datasheet HTML 1Page - Sensortechnics GmbH AD800-10TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
First Sensor APD Data Sheet
Part Description AD800-10 TO
Order # 501233
Version 09-10-15
Features
Description
Application
RoHS
2011/65/EU
Absolute maximum ratings
Spectral response (M = 100; 23 °C)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
ns
MHz
V
Temperature coefficient
V/K
* please note that depending on operation voltage APD operation at temperatures below -15°C may require sophisticated control circuit.
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
USA:
Responsivity
M = 100; λ = 905 nm
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
F +49 30 639923-752
C
Capacitance
M = 100
1
600
70
Breakdown voltage
tR
Cut-off frequency
-3dB
Responsivity
M = 100; λ = 1064 nm; RL = 50 Ω
5
T +1 818 706 3400
F +1 818 889 7053
First Sensor Inc.
5700 Corsa Avenue #105
ID
Dark current
M = 100
3
25
Westlake Village
CA 91362 USA
59
M = 100; λ = 1064 nm
49
IR = 2 µA
220
300
3.3
VBR
tR
Rise time
Active area
0.5
Active area
Min
ø 800
Gain (IP0 = 1 nA)
1000
Typ
Max
Symbol
Characteristic
Test Condition
IPEAK
Peak DC current
mA
• Pulsed 1064 nm laser detection
• Laser range finding
• Fluorescence detection
• ø 800 µm active area
• High QE for λ = 850-1064 nm
• Low noise
• Low slope multiplication curve
Symbol
Unit
Min
Parameter
Circular active area APD chip with IR
enhanced sensitivity. Very low dark
current due to guard ring diode.
Metal can type hermetic TO5i
package with clear glass window.
TSTG
Storage temp
-55
°C
TOP
Operating temp
-40*
°C
Mmax
0
10
20
30
40
50
60
70
500
600
700
800
900
1000
1100
Wavelength (nm)
PIN 2
PIN 3
PIN 4
GR
PIN 1


유사한 부품 번호 - AD800-10TO

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
   800 關m active area
More results

유사한 설명 - AD800-10TO

제조업체부품명데이터시트상세설명
logo
Sensortechnics GmbH
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
   800 關m active area
AD500-10 SENSORTECHNICS-AD500-10 Datasheet
307Kb / 2P
   500 關m active area
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
AD1500-10TO SENSORTECHNICS-AD1500-10TO Datasheet
307Kb / 2P
   첩 1500 關m active area
AD1900-11TO SENSORTECHNICS-AD1900-11TO Datasheet
413Kb / 2P
   첩 1900 關m active area
logo
OptoDiode Corp
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
   Rectangular active area
AXUV20A OPTODIODE-AXUV20A_18 Datasheet
455Kb / 3P
   Circular Active Area
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com