전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS125U 데이터시트(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

부품명 SS125U
상세설명  Schottky Brrier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYELEC [DIYI Electronic Technology Co., Ltd.]
홈페이지  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS125U 데이터시트(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SS125U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS125U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS18U - SS110U
SS125U
SS15U - SS16U
SS12U - SS145U
22.5
30
version:01
2of2
www.dyelec.com
0
0.5
1.0
25
50
75
100
125
150
Fig. 1 Forward Current Derating Curve
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
T - 25ºC
I Pulse Width = 300 s
F
µ
0
7.5
15
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
°
A
A
SS115U-SS120U
SS12U
SS12 U
THRU
5
5
.4T
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
AMBIENT TEMPERTURE(℃)


유사한 부품 번호 - SS125U

제조업체부품명데이터시트상세설명
logo
DIYI Electronic Technol...
SS125 DYELEC-SS125 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results

유사한 설명 - SS125U

제조업체부품명데이터시트상세설명
logo
DIYI Electronic Technol...
S12 DYELEC-S12 Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS22T DYELEC-SS22T Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS32 DYELEC-SS32 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB22F DYELEC-KMB22F Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB12F DYELEC-KMB12F Datasheet
1Mb / 2P
   Schottky Brrier Chip
S52 DYELEC-S52 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB32M DYELEC-KMB32M Datasheet
1Mb / 2P
   Schottky Brrier Chip
S22U DYELEC-S22U Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS52T DYELEC-SS52T Datasheet
1Mb / 2P
   Schottky Brrier Chip
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
   500mA Schottky Brrier Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com