전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2724DH 데이터시트(PDF) 5 Page - Micro Linear Corporation

부품명 ML2724DH
상세설명  2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRO-LINEAR [Micro Linear Corporation]
홈페이지  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724DH 데이터시트(HTML) 5 Page - Micro Linear Corporation

  ML2724DH Datasheet HTML 1Page - Micro Linear Corporation ML2724DH Datasheet HTML 2Page - Micro Linear Corporation ML2724DH Datasheet HTML 3Page - Micro Linear Corporation ML2724DH Datasheet HTML 4Page - Micro Linear Corporation ML2724DH Datasheet HTML 5Page - Micro Linear Corporation ML2724DH Datasheet HTML 6Page - Micro Linear Corporation ML2724DH Datasheet HTML 7Page - Micro Linear Corporation ML2724DH Datasheet HTML 8Page - Micro Linear Corporation ML2724DH Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ML2724
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fFREF
Reference signal frequency
6.144
12.288
MHz
MHz
VFREF
Reference signal input level
6.144MHz or 12.288MHz sine wave,
capacitively coupled
2.0
VCCA
VPP
RECEIVER
ZIN
Receiver input impedance
fc=2445MHz
2.2+j0
NF
Receiver noise figure
fc=2445MHz
16.5
dB
DRRX
Data Rate
FSK modulation, fdev=+/-512KHz
1.536
Mbps
S
Input Sensitivity
<12.5% CER at 1.536Mchip/s
<10e-3 BER at 1.536Mbps
-82
-90
-81
dBm
dBm
BWRX
Bandwidth
3dB Bandwidth
770
kHz
PIMAX
Maximum RX RF input
<12.5% CER at 1.536Mchip/s
<10e-3 BER at 1.536Mb/s
+5
-4
dBm
dBm
IIP3
Receiver Input IP3
Test tones 2 and 4 channels away
-15
dBm
LO leakage at RXI
-60
dBm
IRR
Mixer Image Rejection Ratio
Measured at 3.5MHz offset
35
dB
Adjacent channel rejection
-80dBm wanted signal <10
-3 BER
Single 2GFSK modulated interferer
with a 1.5MHz –20dBc bandwidth
1 channel away
2 channels away
3 or more channels away
6
31
36
dB
dB
dB
IF FILTERS
fIFC
IF filter center frequency
After Automatic Filter Alignment
1.024
MHz
BWIF
IF filter 3dB bandwidth
After Automatic Filter Alignment
1405
kHz
LIMITER, AGC, AND FM DEMODULATOR
tOVLD
Recovery from overload
From +15dBm at input
5
12
µs
Eb/No
For 10
-3 BER
10.5
dB
Co-Channel rejection, 10
-3 BER
-80 dBm, modulated with
1.536Mbps GFSK, BT=0.5, PRBS
data
10.5
dB
VODC
Quiescent voltage @ AOUT
1.1
V
VOPK
Output voltage swing AOUT
0.55
1.1
VPP
VOL
AOUT open-drain voltage
IO=100µA, TPC Mode
0.4
V
RSSI PERFORMANCE
tRRSSI
RSSI rise time No Signal to
-15dBm into the IF mixer
20 pF load, 20% to 80%
4.5
µs
tFRSSI
RSSI fall time, < -15dBm to
No Signal into the IF mixer
20 pF load, 20% to 80%
3.0
µs
GRSMID
RSSI sensitivity
(V-40dBm – V-60dBm)/20dB
28
36
42
mV/dB
VRSMX
RSSI maximum voltage
See Figure 3
1.8
2.3
V
VRSMD
RSSI midrange voltage
-40 dBm into RXI
1.4
1.7
2.0
V
DS2724-F-01
FINAL DATASHEET
APRIL 2003
5


유사한 부품 번호 - ML2724DH

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724DH-T MICRO-LINEAR-ML2724DH-T Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
More results

유사한 설명 - ML2724DH

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
SiGe Semiconductor, Inc...
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com