전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2674MX-3.3 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2674MX-3.3
상세설명  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674MX-3.3 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM2674MX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2674MX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM2674
SIMPLE SWITCHER® Power Converter High Efficiency
500 mA Step-Down Voltage Regulator
General Description
The LM2674 series of regulators are monolithic integrated
circuits built with a LMDMOS process. These regulators
provide all the active functions for a step-down (buck)
switching regulator, capable of driving a 500 mA load current
with excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5.0V, 12V, and an
adjustable output version.
Requiring a minimum number of external components, these
regulators are simple to use and include patented internal
frequency compensation (Patent Nos. 5,382,918 and
5,514,947) and a fixed frequency oscillator.
The LM2674 series operates at a switching frequency of
260 kHz, thus allowing smaller sized filter components than
what would be needed with lower frequency switching regu-
lators. Because of its very high efficiency (>90%), the cop-
per traces on the printed circuit board are the only heat
sinking needed.
A family of standard inductors for use with the LM2674 are
available from several different manufacturers. This feature
greatly simplifies the design of switch-mode power supplies
using these advanced ICs. Also included in the datasheet
are selector guides for diodes and capacitors designed to
work in switch-mode power supplies.
Other features include a guaranteed ±1.5% tolerance on
output voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 50 µA
stand-by current. The output switch includes current limiting,
as well as thermal shutdown for full protection under fault
conditions.
To simplify the LM2674 buck regulator design procedure,
there exists computer design software, LM267X Made
Simple (version 6.0).
Features
n
Efficiency up to 96%
n
Available in SO-8, 8-pin DIP and LLP packages
n
Computer Design Software LM267X Made Simple
(version 6.0)
n
Simple and easy to design with
n
Requires only 5 external components
n
Uses readily available standard inductors
n
3.3V, 5.0V, 12V, and adjustable output versions
n
Adjustable version output voltage range: 1.21V to 37V
n ±
1.5% max output voltage tolerance over line and load
conditions
n
Guaranteed 500mA output load current
n
0.25
Ω DMOS Output Switch
n
Wide input voltage range: 8V to 40V
n
260 kHz fixed frequency internal oscillator
n
TTL shutdown capability, low power standby mode
n
Thermal shutdown and current limit protection
Typical Applications
n
Simple High Efficiency (>90%) Step-Down (Buck)
Regulator
n
Efficient Pre-Regulator for Linear Regulators
n
Positive-to-Negative Converter
Typical Application
10004101
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
Windows® is a registered trademark of Microsoft Corporation.
February 2005
© 2005 National Semiconductor Corporation
DS100041
www.national.com


유사한 부품 번호 - LM2674MX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2674MX-3.3/NOPB TI1-LM2674MX-3.3/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
More results

유사한 설명 - LM2674MX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2674M TI-LM2674M Datasheet
1Mb / 31P
[Old version datasheet]   LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
[Old version datasheet]   LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com