전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD39100PU12R 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 LD39100PU12R
상세설명  1 A, low quiescent current, low-noise voltage regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU12R 데이터시트(HTML) 4 Page - STMicroelectronics

  LD39100PU12R Datasheet HTML 1Page - STMicroelectronics LD39100PU12R Datasheet HTML 2Page - STMicroelectronics LD39100PU12R Datasheet HTML 3Page - STMicroelectronics LD39100PU12R Datasheet HTML 4Page - STMicroelectronics LD39100PU12R Datasheet HTML 5Page - STMicroelectronics LD39100PU12R Datasheet HTML 6Page - STMicroelectronics LD39100PU12R Datasheet HTML 7Page - STMicroelectronics LD39100PU12R Datasheet HTML 8Page - STMicroelectronics LD39100PU12R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin configuration
LD39100
4/27
DocID15676 Rev 6
2
Pin configuration
Figure 3: Pin connection (top view)
Table 1: Pin description
Symbol
Pin
Function
LD39100
(adjustable version)
LD39100
(fixed version)
EN
1
1
Enable pin logic input: low = shutdown,
high = active
GND
2
2
Common ground
PG
3
3
Power Good
VOUT
4
4
Output voltage
ADJ
5
-
Adjust pin
VIN
6
6
LDO input voltage
NC
-
5
Not connected
GND
Exposed pad
Exposed pad has to be connected to GND
LD39100 (fixed version)
EN
GND
PG
VIN
NC
VOUT
EN
GND
PG
VIN
ADJ
VOUT
LD39100 (adjustable version)
1
2
3
4
5
6
1
2
3
4
5
6
GIPD010920151334MT


유사한 부품 번호 - LD39100PU12R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
More results

유사한 설명 - LD39100PU12R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
   1 A, low quiescent current, low noise voltage regulator
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com