전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC-325-CW9 데이터시트(PDF) 4 Page - TE Connectivity Ltd

부품명 FC-325-CW9
상세설명  Compact, Hermetically Sealed, Non-Latching Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-325-CW9 데이터시트(HTML) 4 Page - TE Connectivity Ltd

  FC-325-CW9 Datasheet HTML 1Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 2Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 3Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 4Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 5Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE 4
AEROSPACE, DEFENSE & MARINE /// FC-325 SERIES RELAYS
CII FC-325 Series Relays
Coil Characteristics
Contact Characteristics
Part Numbers
AC Coil
DC Coil
Nominal Operating Voltage
115 Vac
28 Vdc
Maximum Operating Voltage
122 Vac
32 Vdc
Maximum Pick-Up Voltage at +125° C
95 Vac
18 Vdc
Maximum Pick-Up Voltage at +125° C
(Continuous Current test)
108 Vac
22.5 Vdc
Drop-Out Voltage at +125° C (Amps Max)
5.0 Vac
1.5 Vdc
Coil Current at +25° C
.06 A @ 50/60 Hz
0.55 A @ 400 Hz
DC Coil Resistance (±10%)
160 m
Ω
Back EMF Suppresses to (Vdc)
(Suppressed Versions)
42 Vdc
Load Type
Life Cycles
Current Rating (A)
28
Vdc
115 Vac, 1 Phase Power
115/200 Vac, 3 Phase Power
400 Hz
50/60 Hz
400 Hz
50/60 Hz
Resistive
50,000
25
25
25
25
25
Inductive
10,000
15
25
25
25
25
Motor
50,000
20
20
12
20
12
Lamp
50,000
10
10
10
10
10
Mechanical Life,
Reduced Current
200,000
6.3
6.3
6.3
6.3
6.3
Coil
Terminal
Mounting
Mil Spec
Comml Part No.
Part No.
28 Vdc
Solder Hook
Stud
MS27418-1B
FC-325-CW3
FC-325-2
Screw
Bracket
MS27418-2B
FC-325-SY3
FC-325-5
28 Vdc
(Suppressed)
Solder Hook
Stud
MS27418-1D
FC-325-CW4
FC-325-7
Screw
Bracket
MS27418-2D
FC-325-SY4
FC-325-8
115 Vac,
50/60 Hz
Solder Hook
Stud
MS27418-1C
FC-325-CW9
FC-325-3
Screw
Bracket
MS27418-2C
FC-325-SY9
FC-325-6
115 Vac,
400 Hz
Solder Hook
Stud
MS27418-1A
FC-325-CW8
FC-325-1
Screw
Bracket
MS27418-2A
FC-325-SY8
FC-325-4
DC Nonsuppressed and AC Coils
DC Suppressed Coils
Circuit Diagram
Custom configurations are available. Consult TE.


유사한 부품 번호 - FC-325-CW9

제조업체부품명데이터시트상세설명
logo
PREMO CORPORATION S.L
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
3M Electronics
FC-3255 3M-FC-3255 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
More results

유사한 설명 - FC-325-CW9

제조업체부품명데이터시트상세설명
logo
Schneider Electric
782XDXH10-24D SCHNEIDER-782XDXH10-24D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VDC
782XDXH21-12D SCHNEIDER-782XDXH21-12D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 12VDC
782XDXH21-120A SCHNEIDER-782XDXH21-120A Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 120VAC
782XDXH21-24D SCHNEIDER-782XDXH21-24D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 24VDC
782XDXH10-240A SCHNEIDER-782XDXH10-240A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 240VAC
782XDXH10-24A SCHNEIDER-782XDXH10-24A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VAC
782XDXH10-110D SCHNEIDER-782XDXH10-110D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 110VDC
782XBXH21-24D SCHNEIDER-782XBXH21-24D Datasheet
105Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 2 CO, 24VDC
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com