전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UAF42 데이터시트(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 UAF42
상세설명  FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

UAF42 데이터시트(HTML) 5 Page - Burr-Brown (TI)

  UAF42 Datasheet HTML 1Page - Burr-Brown (TI) UAF42 Datasheet HTML 2Page - Burr-Brown (TI) UAF42 Datasheet HTML 3Page - Burr-Brown (TI) UAF42 Datasheet HTML 4Page - Burr-Brown (TI) UAF42 Datasheet HTML 5Page - Burr-Brown (TI) UAF42 Datasheet HTML 6Page - Burr-Brown (TI) UAF42 Datasheet HTML 7Page - Burr-Brown (TI) UAF42 Datasheet HTML 8Page - Burr-Brown (TI) UAF42 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FIGURE 7. PP1 Noninverting Pole-Pair Subcircuit Using Internal Gain-Set Resistor R3.
FIGURE 8. PP2 Noninverting Pole-Pair Subcircuit Using External Gain-Set Resistor RG.
PP1
PP2
A
1
R
2
50k
A
2
A
3
R
3
50k
R
4
50k
UAF42
11
R
1
50k
R
F1
R
F2
C
1
1000pF
C
2
1000pF
V
IN
2
13
8
7
14
3
R
Q
R
2A
C
1A
C
2A
LP Out
BP Out
HP Out
1
12
A
1
R
2
50k
A
2
A
3
R
4
50k
UAF42
11
R
1
50k
R
F1
R
F2
C
1
1000pF
C
2
1000pF
V
IN
3
13
8
7
14
R
Q
R
2A
C
1A
C
2A
LP Out
BP Out
HP Out
1
12
R
G


유사한 부품 번호 - UAF42

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42 TI1-UAF42 Datasheet
273Kb / 14P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42AP BURR-BROWN-UAF42AP Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42AP TI1-UAF42AP Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
More results

유사한 설명 - UAF42

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
   UNIVERSAL ACTIVE FILTER
logo
Texas Instruments
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Mixed Signal Integratio...
MSUF MSI-MSUF Datasheet
709Kb / 8P
   Resistor Programmable Universal Active Filter
logo
Okaya Electric America,...
AFP450V104K OKAYA-AFP450V104K Datasheet
221Kb / 1P
   FOR ACTIVE FILTER CIRCUIT
logo
Mixed Signal Integratio...
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
KR Electronics, Inc.
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
   Active Lowpass Filter
2355-120 KR-2355-120 Datasheet
16Kb / 1P
   Active Notch Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com