전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6852MZ 데이터시트(PDF) 6 Page - Sanken electric

부품명 SMA6852MZ
상세설명  High Voltage 3-Phase Motor Driver ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6852MZ 데이터시트(HTML) 6 Page - Sanken electric

Back Button SMA6852MZ Datasheet HTML 2Page - Sanken electric SMA6852MZ Datasheet HTML 3Page - Sanken electric SMA6852MZ Datasheet HTML 4Page - Sanken electric SMA6852MZ Datasheet HTML 5Page - Sanken electric SMA6852MZ Datasheet HTML 6Page - Sanken electric SMA6852MZ Datasheet HTML 7Page - Sanken electric SMA6852MZ Datasheet HTML 8Page - Sanken electric SMA6852MZ Datasheet HTML 9Page - Sanken electric SMA6852MZ Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High Voltage 3-Phase Motor Driver ICs
SMA685xM Series
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
4. Pin-Out Diagram
Terminal List Table
Pin Number
Pin Name
Functions
I/O
1
VB1
High-side bootstrap (phase U)
2
VB2
High-side bootstrap (phase V)
3
VB3
High-side bootstrap (phase W)
4
VCC1
High-side logic supply voltage
5
COM1
High-side logic GND
6
HIN3
High-side input (phase W)
Input
7
HIN2
High-side input (phase V)
Input
8
HIN1
High-side input (phase U)
Input
9
VBB1
Main supply voltage 1 (connected to VBB2 externally)
10
VBB2
Main supply voltage 2 (connected to VBB1 externally)
11
W1
Phase W output (connected to W2 externally)
12
V
Phase V output
13
LS2
Low-side source (phase V)
14
W2
Phase W output (connected to W1 externally)
15
LS3
Low-side source (phase W)
16
VREG
Internal regulator output
Output
17
LS1
Low-side source (phase U)
18
LIN3
Low-side input (phase W)
Input
19
LIN2
Low-side input (phase V)
Input
20
LIN1
Low-side input (phase U)
Input
21
COM2
Low-side logic GND
22
FO
Error output
Output
23
VCC2
Low-side logic supply voltage
24
U
Phase U output
JAPAN YMDDR
SMA685xM
Pin 1
Pin 24


유사한 부품 번호 - SMA6852MZ

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
More results

유사한 설명 - SMA6852MZ

제조업체부품명데이터시트상세설명
logo
Sanken electric
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com