전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6S15A 데이터시트(PDF) 2 Page - SUNMATE electronic Co., LTD

부품명 SM6S15A
상세설명  SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM6S15A 데이터시트(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM6S15A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM6S15A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM6S15A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM6S30CA
SM6S33CA
SM6S36CA
SM6S28CA
SM6S26CA
SM6S24CA
SM6S22CA
SM6S20CA
SM6S18CA
SM6S17CA
SM6S16CA
SM6S15CA
SM6S14CA
SM6S13CA
SM6S12CA
SM6S11CA
SM6S10CA
2 of 3
Electrical Characteristics (TC = 25°C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
est Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000
µsIPPM
(V)
VWM
ID
Tc=175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(
µA)
ID(
µA)
(A)
(V)
11.1
13.6
5.0
10.0
15
250
245
18.8
SM6S10A
11.1
12.3
5.0
10.0
15
250
271
17.0
12.2
14.9
5.0
11.0
10
150
229
20.1
SM6S11A
12.2
13.5
5.0
11.0
10
150
253
18.2
13.3
16.3
5.0
12.0
10
150
209
22.0
SM6S12A
13.3
14.7
5.0
12.0
10
150
231
19.9
14.4
17.6
5.0
13.0
10
150
193
23.8
SM6S13A
14.4
15.9
5.0
13.0
10
150
214
21.5
15.6
19.1
5.0
14.0
10
150
178
25.8
SM6S14A
15.6
17.2
5.0
14.0
10
150
198
23.2
16.7
20.4
5.0
15.0
10
150
171
26.9
SM6S15A
16.7
18.5
5.0
15.0
10
150
189
24.4
17.8
21.8
5.0
16.0
10
150
160
28.8
SM6S16A
17.8
19.7
5.0
16.0
10
150
177
26.0
18.9
23.1
5.0
17.0
10
150
151
30.5
SM6S17A
18.9
20.9
5.0
17.0
10
150
167
27.6
20.0
24.4
5.0
18.0
10
150
143
32.2
SM6S18A
20.0
22.1
5.0
18.0
10
150
158
29.2
22.2
27.1
5.0
20.0
10
150
128
35.8
SM6S20A
22.2
24.5
5.0
20.0
10
150
142
32.4
24.4
29.8
5.0
22.0
10
150
117
39.4
SM6S22A
24.4
26.9
5.0
22.0
10
150
130
35.5
26.7
32.6
5.0
24.0
10
150
107
43.0
SM6S24A
26.7
29.5
5.0
24.0
10
150
118
38.9
28.9
35.3
5.0
26.0
10
150
99
46.6
SM6S26A
28.9
31.9
5.0
26.0
10
150
109
42.1
31.1
38.0
5.0
28.0
10
150
92
50.1
SM6S28A
31.1
34.4
5.0
28.0
10
150
101
45.4
33.3
40.7
5.0
30.0
10
150
86
53.5
SM6S30A
33.3
36.8
5.0
30.0
10
150
95
48.4
36.7
44.9
5.0
33.0
10
150
78
59.0
SM6S33A
36.7
40.6
5.0
33.0
10
150
86
53.3
40.0
48.9
5.0
36.0
10
150
72
64.3
SM6S36A
40.0
44.2
5.0
36.0
10
150
79
58.1
Note: For all types maximum VF = 1.9V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
www.sunmate.tw
Type
Breakdown Voltage
T


유사한 부품 번호 - SM6S15A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM6S15A VISHAY-SM6S15A Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S15A VISHAY-SM6S15A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM6S15A VISHAY-SM6S15A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shanghai Leiditech Elec...
SM6S15A LEIDITECH-SM6S15A Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
SM6S15A YFWDIODE-SM6S15A Datasheet
492Kb / 4P
   Surface Mount Automotive Transient Voltage Suppressors 4600watts/3600watts
More results

유사한 설명 - SM6S15A

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
SM5S10A SUNMATE-SM5S10A Datasheet
542Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SM5S10CA SUNMATE-SM5S10CA Datasheet
239Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
SM6S10A SUNMATE-SM6S10A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR3
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC43A EIC-TPSMC43A_12 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com