전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-1393765-0 데이터시트(PDF) 4 Page - TE Connectivity Ltd

부품명 7-1393765-0
상세설명  1 through 8 form C (CO) contact arrangement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393765-0 데이터시트(HTML) 4 Page - TE Connectivity Ltd

  7-1393765-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 5Page - TE Connectivity Ltd 7-1393765-0 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
08-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
R10 Series Relay (Continued)
Other Data (continued)
Terminal type
Solder/plug-in terminals, PCB-THT,
8- or 11-PIN octal type plug
Weight
23 to 40g
Packaging/unit
tray/50 pcs., box/350pcs.
Accessories
For details see datasheet
Sockets and Accessories, R10 Relays
Product Code Description
Many versions of sockets and clips available.
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
between adjacent contacts
1000Vrms
Initial insulation resistance
between insulated elements
10GΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55ºC to 75ºC
Category of environmental protection
IEC 61810
RTI - dust protected and RTIII - wash tight
Terminal dimensions
Solder terminal dimensions
Printed circuit terminal dimensions
Terminal assignment
R10 - AC Coil Diagram
Dimensions
.735 MAX.
(18.67)
1.187 MAX.
(30.15)
R10S: 1.50 MAX.
(38.1)
.406
(10.31)
.135
(3.43)
.210
(5.33)
3-48THREAD
NIB .091 DIA. x .020 HIGH
(2.31) (.51)
} TYPE E1 ONLY
.354
(8.99)
#6-32
THREAD
.375
(9.53)
.171
(4.43)
.156
(3.96)
CASE R ONLY
Recommend tape tab
be removed after
immersion cleaning
and before relay is put
in service. Peel off to
permit proper relay
ventilation.
2 POLE .950 MAX.
(24.13, 2 POLE 1R10)
4 POLE 1.165 MAX.
(29.59, 4 POLE 1R10)
6 POLE 1.375 MAX.
(34.93)
8 POLE 1.580 MAX.
(40.13)
.437
(11.10)
.59 REF.
(15.0)
STUD ON NARR OW
SIDE ONLY
CASE E
ONLY
TYPE E6 ONLY
.085 MAX.
(2.16)
TYPE E6 ONLY
.012
(.30)
.040
(1.02)
.090
(2.29)
.080
(2.03)
D
(TO TOP OF CASE)
B
A
C
A
B
C
D
Arrang.
Type 2
.131
.050
.064
1.251
Inline
Type 7
.131
.040
.013
1.20
Inline
Type 9
.170
.040
.000
1.187
Staggered
Thickness
.012
.012
.012
.013
–––
26
27
14
1 POLE
8
9
5
10
6
7
4 3 2
1
2 POLE
8
9
5
10
6
7
4 3 2
1
3 POLE
4 3 2
1
4 POLE
4 3 2
1
14
15
8
16
9
10
11
12
5
13
6
7
14
15
8
16
9
10
11
12
5
13
6
7
6 POLE
4 3 2
1
19
9
10
20
21
11
14
15
5
17
18
8
8 POLE
4 3 2
1
22
12
13
16
6
7
22
9
10
23
24
11
17
18
5
20
21
8
25
12
13
19
6
7
28
15
16
DUAL
COIL
Signal
Signal Relays


유사한 부품 번호 - 7-1393765-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
7-1393765-0 MACOM-7-1393765-0 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
7-1393765-0 MACOM-7-1393765-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results

유사한 설명 - 7-1393765-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
T81 TEC-T81 Datasheet
645Kb / 2P
   Au clad contacts in a 1 Form C (CO) arrangement
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com