전자부품 데이터시트 검색엔진 |
|
7-1393813-2 데이터시트(PDF) 5 Page - TE Connectivity Ltd |
|
7-1393813-2 데이터시트(HTML) 5 Page - TE Connectivity Ltd |
5 / 7 page 03-2012, Rev. 0312 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 AXICOM Signal Relays Cradle S Relay V23054/V23062 (Continued) Product code structure Typical product code V23054 -D 0 021 -B1 10 Type V23054 Cradle S Relay, dust protected V23062 Cradle S Relay, hermetically sealed Size V23054 types C Size I, dust-protected D Size II, dust-protected E Size III, dust-protected V23062 types A Size I, hermetically sealed B Size II, hermetically sealed Version 0 Standard version 1 Fitted with contact pile-ups F 2 For higher test voltage of 2kV coil/frame 3 Combination of 1 & 2 (contact pile-ups F and higher test voltage coil/frame) Coils Coil code: please refer to coil versions table Contact style B1 Single contacts B6 Single contacts F1 Single contacts C1 Bifurcated contacts C4 Bifurcated contacts Contact arrangement 04 2 form C, 2 CO 05 2 form A, 1 NO 10 4 form C, 4 CO 12 6 form A, 6 NO 33 6 form C, 6 CO Other types on request Product code Version Coil Operate/Lim. Arrangement Contacts Enclosure PartNumber V23054-CXXXX, standard, size I V23054-C0013-B104 Standard, size I 125VDC 59/190VDC 2 form C, 2 CO Single Dust protected 2-1419172-8 V23054-C0015-B104 Standard, size I 12VDC 4.7/18VDC 2 form C, 2 CO Single Dust protected 1393812-6 V23054-C0016-B104 Standard, size I 12.5VDC 5.4/21.5VDC 2 form C, 2 CO Single Dust protected 1393812-7 V23054-C0019-C104 Standard, size I 20VDC 10.5/31VDC 2 form C, 2 CO Bifurcated Dust protected 1422019-3 V23054-C2003-C404 Standard, size I 220VDC 98/240VDC 2 form C, 2 CO Bifurcated Dust protected 3-1393812-2 V23054-C2004-B104 Standard, size I 110VDC 44/145VDC 2 form C, 2 CO Single Dust protected 3-1393812-3 V23054-C2013-B104 Standard, size I 125VDC 59/190VDC 2 form C, 2 CO Single Dust protected 3-1393812-4 V23054-C2020-B104 Standard, size I 24VDC 10.5/39VDC 2 form C, 2 CO Single Dust protected 3-1393812-5 V23054-C2026-C104 Standard, size I 60VDC 36/94VDC 2 form C, 2 CO Bifurcated Dust protected 3-1393812-6 V23054-C0020-B104 Standard, size I 24VDC 10.5/39VDC 2 form C, 2 CO Single Dust protected 1-1393812-0 V23054-C0020-C104 Standard, size I 24VDC 13/39VDC 2 form C, 2 CO Bifurcated Dust protected 1-1393812-1 V23054-C0021-B104 Standard, size I 32VDC 14.5/50VDC 2 form C, 2 CO Single Dust protected 1-1393812-2 V23054-C0021-C104 Standard, size I 32VDC 17.5/50VDC 2 form C, 2 CO Bifurcated Dust protected 1-1393812-3 V23054-C0021-C404 Standard, size I 32VDC 17.5/50VDC 2 form C, 2 CO Bifurcated Dust protected 1-1393812-4 V23054-C0022-B104 Standard, size I 45VDC 19/66VDC 2 form C, 2 CO Single Dust protected 1-1393812-5 V23054-C0022-C104 Standard, size I 45VDC 24/66VDC 2 form C, 2 CO Bifurcated Dust protected 1-1393812-6 V23054-C0026-B104 Standard, size I 60VDC 29/94VDC 2 form C, 2 CO Single Dust protected 2-1393812-0 V23054-C0026-C104 Standard, size I 60VDC 36/94VDC 2 form C, 2 CO Bifurcated Dust protected 2-1393812-3 V23054-C0026-C404 Standard, size I 60VDC 36/94VDC 2 form C, 2 CO Bifurcated Dust protected 2-1393812-4 V23054-C003-B104 Standard, size I 220VDC 79/240VDC 2 form C, 2 CO Single Dust protected 1393812-2 V23054-C003-C104 Standard, size I 220VDC 98/240VDC 2 form C, 2 CO Bifurcated Dust protected 1393812-3 V23054-C004-B104 Standard, size I 110VDC 44/145VDC 2 form C, 2 CO Single Dust protected 1393812-4 V23054-C004-C104 Standard, size I 110VDC 53.5/145VDC 2 form C, 2 CO Bifurcated Dust protected 1393812-5 V23054-CXXXX, 5A, size I V23054-C1022-F105 5A, size I 45VDC 19/66VDC 2 form A, 2 NO Single Dust protected 3-1393812-1 V23054-C3015-F105 5A, size I 12VDC 4.7/18VDC 2 form A, 2 NO Single Dust protected 1422019-5 |
유사한 부품 번호 - 7-1393813-2 |
|
유사한 설명 - 7-1393813-2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |