전자부품 데이터시트 검색엔진 |
|
TMP421 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TMP421 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 38 page 1 2 3 4 8 7 6 5 V+ SCL GND DXP DXN A1 A0 SDA 3 TMP421-Q1, TMP422-Q1, TMP423-Q1 www.ti.com SBOS821 – NOVEMBER 2016 Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 5 Device Comparison Table PART NUMBER DESCRIPTION TWO-WIRE ADDRESS TMP421-Q1 Single-channel remote junction temperature sensor 100 11xx TMP422-Q1 Dual-channel remote junction temperature sensor 100 11xx TMP423-Q1 Triple-channel remote junction temperature sensor 100 1100 6 Pin Configuration and Functions TMP421-Q1 DCN Package 8-Pin SOT-23 Top View TMP421-Q1 Pin Functions PIN TYPE DESCRIPTION NO. NAME 1 DXP Analog input Positive connection to remote temperature sensor 2 DXN Analog input Negative connection to remote temperature sensor 3 A1 Digital input Address pin 4 A0 Digital input Address pin 5 GND Ground Ground 6 SDA Bidirectional digital input-output Serial data line for SMBus, open-drain; requires pullup resistor to V+ 7 SCL Digital input Serial clock line for SMBus, open-drain; requires pullup resistor to V+ 8 V+ Power supply Positive supply voltage (2.7 V to 5.5 V for the TMP421-Q1) |
유사한 부품 번호 - TMP421 |
|
유사한 설명 - TMP421 |