전자부품 데이터시트 검색엔진 |
|
LD39020DTPU21R 데이터시트(PDF) 8 Page - STMicroelectronics |
|
LD39020DTPU21R 데이터시트(HTML) 8 Page - STMicroelectronics |
8 / 30 page Maximum ratings LD39020 8/30 DocID025316 Rev 3 4 Maximum ratings Table 2: Absolute maximum ratings Symbol Parameter Value Unit VIN Input voltage - 0.3 to 7 V VOUT Output voltage - 0.3 to VIN + 0.3 V VEN Enable input voltage - 0.3 to 7 V IOUT Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range - 40 to 150 °C TOP Operating junction temperature range - 40 to 125 °C Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 3: Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction-ambient, DFN1x1-4L 250 °C/W RthJC Thermal resistance junction-case, SOT23-5L 81 °C/W RthJA Thermal resistance junction-ambient, SOT23-5L 255 °C/W Table 4: ESD Performance Symbol Parameter Test conditions Value Unit ESD ESD Protection voltage HBM 4 kV MM 400 V CDM 500 V |
유사한 부품 번호 - LD39020DTPU21R |
|
유사한 설명 - LD39020DTPU21R |