전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37512FS 데이터시트(PDF) 1 Page - Rohm

부품명 BD37512FS
상세설명  Sound Processor with Built-in 2-band Equalizer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37512FS 데이터시트(HTML) 1 Page - Rohm

  BD37512FS Datasheet HTML 1Page - Rohm BD37512FS Datasheet HTML 2Page - Rohm BD37512FS Datasheet HTML 3Page - Rohm BD37512FS Datasheet HTML 4Page - Rohm BD37512FS Datasheet HTML 5Page - Rohm BD37512FS Datasheet HTML 6Page - Rohm BD37512FS Datasheet HTML 7Page - Rohm BD37512FS Datasheet HTML 8Page - Rohm BD37512FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/26
TSZ02201-0C2C0E100420-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
16.Dec.2015 Rev.001
Sound Processor with Built-in 2-band Equalizer
BD37512FS
General Description
BD37512FS is a sound processor with built-in 2-band
equalizer for car audio. The functions are 4ch stereo
input selector, input-gain control, main volume and 4ch
fader volume. Moreover, its
“Advanced switch circuit”,
which is an original ROHM technology, can reduce
various switching noise (ex. No-signal, low frequency
like 20Hz & large signal inputs). “Advanced switch”
makes control of microcomputer easier, supporting the
construction of a high quality car audio system.
Features
Reduce switching noise of mute, main volume,
fader volume, bass, trebles by using advanced
switch circuit
Built-in
1
differential
input
selector
and
3
single-ended input selectors.
Built-in ground isolation amplifier inputs, ideal for
external stereo input.
Decrease the number of external components due
to built-in 2-band equalizer filter.
It is possible to adjust the gain of the bass and
treble up to ±20dB with 1 dB step gain adjustment.
Energy-saving design resulting in low current
consumption, by utilizing the Bi-CMOS process. It
has the advantage in quality over scaling down the
power heat control of the internal regulators.
Input terminals and output terminals are organized
and separately laid out to keep the signal flow in
one direction which results in simpler and smaller
PCB layout.
It is possible to control the I2C BUS by 3.3V / 5V.
Applications
It is optimal for use in car audio systems. It can also be
used for audio equipment of mini Compo, micro Compo,
TV, etc.
Key Specifications
Power Supply Voltage Range:
7.0V to 9.5V
Circuit Current (No Signal):
15mA(Typ)
Total Harmonic Distortion:
0.005%(Typ)
Maximum Input Voltage:
2.3Vrms(Typ)
Cross-talk Between Selectors:
-100dB(Typ)
Volume Control Range:
+0dB to -40dB
Output Noise Voltage:
6µVrms(Typ)
Residual Output Noise Voltage:
2µVrms(Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
SSOP-A20
8.70mm x 7.80mm x 2.01mm
Datasheet
Datasheet


유사한 부품 번호 - BD37512FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37512FS ROHM-BD37512FS Datasheet
112Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

유사한 설명 - BD37512FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com