전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37521FS 데이터시트(PDF) 3 Page - Rohm

부품명 BD37521FS
상세설명  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37521FS 데이터시트(HTML) 3 Page - Rohm

  BD37521FS Datasheet HTML 1Page - Rohm BD37521FS Datasheet HTML 2Page - Rohm BD37521FS Datasheet HTML 3Page - Rohm BD37521FS Datasheet HTML 4Page - Rohm BD37521FS Datasheet HTML 5Page - Rohm BD37521FS Datasheet HTML 6Page - Rohm BD37521FS Datasheet HTML 7Page - Rohm BD37521FS Datasheet HTML 8Page - Rohm BD37521FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
BD37521FS
3/27
TSZ02201-0C2C0E100460-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Pin Descriptions
Pin No.
Pin
Name
Description
Pin No.
Pin
Name
Description
1
FIL
VCC/2 terminal
13
LDB2
Loudness setting terminal of 2ch
2
A1
A input terminal of 1ch
14
LDA2
Loudness setting terminal of 2ch
3
A2
A input terminal of 2ch
15
MUTE
External compulsory mute terminal
4
B1
B input terminal of 1ch
16
N.C.
No Connection
5
B2
B input terminal of 2ch
17
OUTR2
Rear output terminal of 2ch
6
C1
C input terminal of 1ch
18
OUTR1
Rear output terminal of 1ch
7
C2
C input terminal of 2ch
19
OUTF2
Front output terminal of 2ch
8
DP1
D positive input terminal of 1ch
20
OUTF1
Front output terminal of 1ch
9
DN
D negative input terminal
21
VCC
Power supply terminal
10
DP2
D positive input terminal of 2ch
22
SCL
I2C Communication clock terminal
11
LDA1
Loudness setting terminal of 1ch
23
SDA
I2C Communication data terminal
12
LDB1
Loudness setting terminal of 1ch
24
GND
GND terminal
Block Diagram
GND
ISO amp
Input selector (3 single - end and 1 stereo ISO)
Volume/Mute
2 Band EQ
(Tone control )
Loudness
I2C BUS LOGIC
GND
100k
VCC/ 2
Input Gain
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
100k
100k
100k
250k
250k
GND
ISO amp
250k
VCC
■ Fader
★ no pop noise
■ Loudness
★ no pop noise
■ 2 Band EQ (Tone control
)
★ no pop noise
■ Volume
★ no pop noise
■ Input Gain
★ no pop noise
24
23
22
21
100k
100k
Gain:0dB~-79dB/1dB step
20dB~0dB/1dB step
Gain:+20dB~-20dB/1dB
・Bass:f0=100Hz
・Treble:f0=10kHz
Gain:+15dB~-79dB/1dB step
Gain:+20dB~0dB/1dB step
Gain: +20dB to 0dB/1dB step
Gain: +20dB to -20dB/1dB
Gain:+15dB to -79dB/1dB step
20dB to 0dB/1dB step
Gain: 0dB to -79dB/1dB step


유사한 부품 번호 - BD37521FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37521FS ROHM-BD37521FS Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

유사한 설명 - BD37521FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com