전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BALF-112X-02D3 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 BALF-112X-02D3
상세설명  50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-112X-02D3 데이터시트(HTML) 2 Page - STMicroelectronics

  BALF-112X-02D3 Datasheet HTML 1Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 2Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 3Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 4Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 5Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 6Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 7Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 8Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
BALF-112X-02D3
2/12
DocID029426 Rev 1
1
Characteristics
Table 1: Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input power RFIN
-
20
dBm
VESD
ESD ratings MIL STD883C (HBM: C = 100 pF, R = 1.5 Ω,
air discharge)
1300
-
V
ESD ratings machine model (MM: C = 200 pF, R = 25 W,
L = 500 nH)
250
-
TOP
Operating temperature
-40
-
+85
°C
Table 2: Electrical characteristics and RF performance (Tamb = 25 °C) RX balun
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZRX
Nominal differential impedance
Match to CC112X
ZANT
Antenna impedance
50
f
Frequency range (bandwidth)
431
436
MHz
S21RX-ANT
Insertion loss in bandwidth
-1.9
-1.7
dB
S11ANT
Input return loss in bandwidth
-20
-18
dB
Phase_imbal
Output phase imbalance
0
1.7
10
°
Ampl_imbal
Output amplitude imbalance
0.3
1
dB
Table 3: Electrical characteristics and RF performance (Tamb = 25 °C) TX filter
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
ZTX
Nominal TX impedance
Match to
CC112X
ZANT
Antenna impedance
50
f
Frequency range
(bandwidth)
431
436
MHz
S21TX-ANT
Insertion loss in
bandwidth
-1.5
-1.3
dB
S11ANT
Input return loss in
bandwidth
-12
-10
dB
Att
Harmonic levels
Attenuation at 2 fo
-40
-26
dBm
Attenuation at 3 fo
-52
-46
Attenuation at 4 fo
-31
-30
Attenuation at 5 fo
-35
-32
Attenuation at 6 fo
-32
-28
Attenuation at 7 fo
-48
-44


유사한 부품 번호 - BALF-112X-02D3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
More results

유사한 설명 - BALF-112X-02D3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
   50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
June 2014 Rev 2
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-09D3 STMICROELECTRONICS-BALFLB-WL-09D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com