์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

4420.0223 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Schurter Inc.

๋ถ€ํ’ˆ๋ช… 4420.0223
์ƒ์„ธ๋‚ด์šฉ  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SCHURTER [Schurter Inc.]
ํ™ˆํŽ˜์ด์ง€  http://www.schurterinc.com
Logo 

4420.0223 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
4
Thermal-magnetic (TM and AS-line)
AS168XAC2
www.schurter.com /PG20
Circuit Breakers
Symbol
Standard
Rated current
Rated voltage AC
Conditional short circuit
capacity Icn
Rated voltage DC
Conditional short circuit
capacity Icn
UL 508
CSA C22.2 no. 14
0.5 - 52 A
480Y/277 V
5 kA
-
-
UL 1077
-
-
-
-
-
CSA C22.2 no. 235
0.5 - 50 A
480 V
5 kA
65 V
2 kA
EN 60934
0.5 - 30 A
240/420 V
4.5 kA
65 V
4.5 kA
GB 17701
-
-
-
-
-
Effect of ambient temperature
AC-breaker are calibrated for an ambient temperature of +40ยฐC, DC-breakers for +23ยฐC. To determine the rated current for a lower or
higher ambient temperature, use a correction factor from the table below:
Ambient temperature [ยฐC]
Correction factor AC version
Correction factor DC version
-20
0.78
0.80
-5
0.82
0.87
0
0.83
0.90
+10
0.87
0.95
+23
0.91
1.00
+30
0.95
1.05
+40
1.00
1.10
+50
1.05
1.20
+60
1.11
1.30
Example DC version: Rated current = 10 A; Environmental temperature = 50 ยฐC; --> Correction factor = 1.2; Resulting current = 12 A


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn