์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

4420.0223 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Schurter Inc.

๋ถ€ํ’ˆ๋ช… 4420.0223
์ƒ์„ธ๋‚ด์šฉ  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SCHURTER [Schurter Inc.]
ํ™ˆํŽ˜์ด์ง€  http://www.schurterinc.com
Logo 

4420.0223 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Schurter Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 1 / 8 page
background image
1
Thermal-magnetic (TM and AS-line)
AS168XAC2
www.schurter.com /PG20
Circuit Breakers
Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
Description
- Thermal-magnetic circuit breaker
- High short circuit performance
- Availability of AC and DC in the same frame size
- DIN-Rail Mounting
Standards
- Approval Reference Type: AS168X
- IEC 60934
- UL508, UL1077
- CSA C22.2
Applications
- Industrial appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
General data
Rated Voltage AC
IEC : 420 V Y / 240 V; 50/60 Hz
โฃ
UL/CSA : 480 V Y / 277 V; 50/60 Hz
Rated Voltage DC
65 V
Rated current
0.5 - 52 A , see approbations
Conditional short circuit capa-
city IEC 60934
Icn: AC 420 V / DC 65 V: 5 kA (no fuse)
Conditional short circuit capa-
city UL 1077
Inc: AC 480 V: 10 kA (with fuse class
H/J, 4x rated current (min. 15 A))
Icn: AC 480 V: 5 kA (no fuse)
Icn: DC 65 V: 2 kA (no fuse)
Conditional short circuit capa-
city UL 508
Icn: AC 480 V: 5 kA (no fuse)
Degree of Protection
from front side IP 40 acc. to IEC 60529
Lifetime
1 x Ir 6000 switching cycles
Dielectric Strength
50 Hz: > 2 kV
Impulse 1.2/50
ฮผs
Vibration Resistance
ยฑ 0.75 mm @ 5 - 60 Hz
acc. to IEC 60068-2-6, test Fc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Insulation Resistance
250/440 VAC > 5 M
ฮฉ
Shock Resistance
30 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Ambient temperature
-10 ยฐC to 55 ยฐC
Weight
100 - 130 g
Tripping Type
Positively trip free
Actuation type
Manual ON/OFF
Permissible wire cross section 1.5 - 25 mmยฒ / 16 - 4 AWG
Switched neutral
Rated Voltage
AC 277 V
Rated current
AC/DC 65 A
Function
The switched neutral closes with ma-
nual closure of the poles and opens
automatically with thermal magnetic
tripping of the poles.
Add-on modules
Add-on modules
Technical data for the additional module
see separate data sheet


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn