전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-102-445 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 3-102-445
상세설명  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-102-445 데이터시트(HTML) 1 Page - Schurter Inc.

  3-102-445 Datasheet HTML 1Page - Schurter Inc. 3-102-445 Datasheet HTML 2Page - Schurter Inc. 3-102-445 Datasheet HTML 3Page - Schurter Inc. 3-102-445 Datasheet HTML 4Page - Schurter Inc. 3-102-445 Datasheet HTML 5Page - Schurter Inc. 3-102-445 Datasheet HTML 6Page - Schurter Inc. 3-102-445 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Metal Line Switches
MSM CS 19
www.schurter.com /PG70
Switches
Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
Newly available with bright illumination
Description
- Momentary action switch available in version: Standard (ST), with Let-
tering (LE), with Backlighting (BL)
- Assembly method: clip micro-switch into the saddle, secure switch
using mounting nut
- Equipped with flat-pin plugs to permit fast connection
Standards
- DIN EN 61058-1
- UL 1054
Approvals
- Low Voltage Directive 2014/35/EU: Low Voltage Directive 2014/35/EU
- VDE / ENEC Certificate Number (Omron): 40008425, 129246, 125256
- UL / CSA File Number (Omron): E41515
- VDE / ENEC Certificate Number (Marquardt): 097550
- UL / CSA File Number (Marquardt): E41791
- KEMA / ENEC File Number (Cherry): 2089323.01
- UL / CSA File Number (Cherry): E23301
Characteristics
- Housing material: high-quality stainless steel, actuator material: highly
durable ceramic
- Variety of design options regarding size, colour, illumination, connec-
tion or lettering
- Switching voltage from 30 VDC to 250 VAC, switching current from 0.1
A to 10 A
- Backlighting optional, this means the complete actuator surface is fully
illuminated
- IP-Protection: IP 65 from front side to contact area, Micro-Switch is
available in versions IP 40 or IP 67, moving actuator is rated IP 40 to
frontside
- for use in harsh environments
References
Alternative: Standard version MSM CS 22
Alternative: double-pole switch:
Alternative: switch with latching function: MSM LA 19
Alternative: Other diameter
Weblinks
html-datasheet, General Product Information, CE declaration of
conformity, RoHS, CHINA-RoHS, CAD-Drawings, Product News,
Detailed request for product


유사한 부품 번호 - 3-102-445

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
3-102-446 SCHURTER-3-102-446 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results

유사한 설명 - 3-102-445

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
MSMCS22 SCHURTER-MSMCS22 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS19 SCHURTER-MSMCS19 Datasheet
803Kb / 8P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_V02 Datasheet
914Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com