전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2931Z-5 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2931Z-5
상세설명  Series Low Dropout Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2931Z-5 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2931Z-5 Datasheet HTML 7Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 8Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 9Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 10Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 11Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 12Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 13Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 14Page - National Semiconductor (TI) LM2931Z-5 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (Continued)
Maximum Power Dissipation
(TO-263) (Note 4)
On/Off Threshold
00525434
00525435
Output Capacitor ESR
00525436
www.national.com
11


유사한 부품 번호 - LM2931Z-5

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931Z-5.0 MOTOROLA-LM2931Z-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931Z-5.0 TI1-LM2931Z-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

유사한 설명 - LM2931Z-5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2931-N TI1-LM2931-N Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
logo
National Semiconductor ...
LM2931 NSC-LM2931_05 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
   Low Dropout Regulators
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
   Low Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
   Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
   Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
   Low-Dropout Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com