전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3244QG 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 74CBTLV3244QG
상세설명  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3244QG 데이터시트(HTML) 2 Page - Integrated Device Technology

  74CBTLV3244QG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74CBTLV3244
LOW-VOLTAGEOCTALBUSSWITCH
PIN CONFIGURATION
QSOP/ TSSOP
TOP VIEW
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
−40
85
°C
OPERATING CHARACTERISTICS, TA = 25°C(1)
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Symbol
Description
Max
Unit
VCC
SupplyVoltage Range
–0.5 to +4.6
V
VI
Input Voltage Range
–0.5 to +4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Input
1OE
2OE
1A, 1B I/Os
2A, 2B I/Os
H
H
Disconnect
Disconnect
L
H
1A Port = 1B Port
Disconnect
H
L
Disconnect
2A Port = 2B Port
L
L
1A Port = 1B Port 2A Port = 2B Port
FUNCTION TABLE(1)
Pin Names
Description
xOE
Output Enable (Active LOW)
A x
Port A Inputs or Outputs
B x
Port B Inputs or Outputs
PIN DESCRIPTION
VCC
2OE
2
B1
2
B2
2
B3
2
B4
1
B1
1
B2
1
B3
1
B4
1
A1
1
A2
1
A3
1
A4
2
A1
2
A2
2
A3
2
A4
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
1OE


유사한 부품 번호 - 74CBTLV3244QG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74CBTLV3244QG RENESAS-74CBTLV3244QG Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3244QG8 RENESAS-74CBTLV3244QG8 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results

유사한 설명 - 74CBTLV3244QG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com