전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3861QG8 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 74CBTLV3861QG8
상세설명  LOW-VOLTAGE 10-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3861QG8 데이터시트(HTML) 2 Page - Integrated Device Technology

  74CBTLV3861QG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3861QG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3861QG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3861QG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3861QG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74CBTLV3861
LOW-VOLTAGE10-BITBUSSWITCH
PIN CONFIGURATION
QSOP / TSSOP
TOP VIEW
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
−40
85
°C
OPERATING CHARACTERISTICS, TA = 25°C(1)
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Symbol
Description
Max
Unit
VCC
SupplyVoltage Range
–0.5 to +4.6
V
VI
Input Voltage Range
–0.5 to +4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
A10
11
B9
14
A9
10
B8
15
GND
12
B10
13
VCC
24
1
NC
OE
A1
223
B1
A2
3
22
B2
A3
4
21
B3
A4
5
20
B4
A5
6
19
B5
A6
7
18
B6
A7
8
17
B7
A8
9
16
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Input
OE
Operation
L
A Port = B Port
H
Disconnect
FUNCTION TABLE(1)


유사한 부품 번호 - 74CBTLV3861QG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
74CBTLV3861QG8 IDT-74CBTLV3861QG8 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
More results

유사한 설명 - 74CBTLV3861QG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
64Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
74CBTLV3861 RENESAS-74CBTLV3861 Datasheet
254Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com