전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWF 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 FWF
상세설명  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FWF 데이터시트(HTML) 1 Page - Schurter Inc.

  FWF Datasheet HTML 1Page - Schurter Inc. FWF Datasheet HTML 2Page - Schurter Inc. FWF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FUSES / SICHERUNGEN
FWF
Non resettable fuses / Nicht rückstellende Sicherungen
www.schurter.com
73
Subminiature Fuses
Type FWF
quick-acting F
directly solderable into
printed circuit boards
Kleinstsicherungen
Typ FWF
flink F
direkt einlötbar in
Leiterplatten
Standards / Normen
UL 248-14; CSA C22.2
Nr 248.14
1· In*
2 · In
2 · In
50 mA – 6,3 A
> 4 h
< 60 s
< 5s
Rated
current I
n /
Nennstrom I
n
n · In
Pre-arcing time/current
Zeit-Strom-Charakteristik
characteristic (at Ta 23 °C)
(bei Tu 23 °C)
* Non fusing current Inf / Kleiner Prüfstrom Inf
Multiple of rated current I
n
Vielfaches des Nennstromes I
n
Order No. /
Rated current I
n
Breaking capacity /
Voltage drop /
Sustained
Pre-arcing
Approvals /
Rated voltage U
n /
power dissipation / l2t /
Bestell-Nr.
Nennstrom I
n
Ausschaltvermögen Spannungsfall
Verlustleistung
Schmelz I2t
Approba-
Nennspannung U
n
at / bei I
n
at / bei 1 I
n
at / bei
tionen
max.
max.
10 · I
n
mV
mW
max. A2s
0034.7401
0.050 A / 125 V
1600
85
1.0 · 10-4
••
0034.7402
0.063 A / 125 V
1300
85
1.3 · 10-4
••
0034.7403
0.080 A / 125 V
1200
100
2.0 · 10-4
••
0034.7404
0.100 A / 125 V
1100
110
1.3 · 10-3
••
0034.7405
0.125 A / 125 V
1350
160
1.9 · 10-3
••
0034.7406
0.160 A / 125 V
1000
150
3.7 · 10-3
••
0034.7407
0.200 A / 125 V
950
210
7.5 · 10-3
••
0034.7408
0.250 A / 125 V
900
225
1.3 · 10-2
••
0034.7409
0.315 A / 125 V
800
255
2.6 · 10-2
••
0034.7410
0.400 A / 125 V
230
95
1.5 · 10-2
••
0034.7411
0.500 A / 125 V
220
110
2.2 · 10-2
••
0034.7412
0.630 A / 125 V
210
135
3.8 · 10-2
••
0034.7413
0.800 A / 125 V
200
160
6.8 · 10-2
••
0034.7414
1 A / 125 V
190
190
1.0 · 10-1
••
0034.7415
1.25 A / 125 V
180
225
2.0 · 10-1
••
0034.7416
1.6 A / 125 V
170
275
3.9 · 10-1
••
0034.7417
2 A / 125 V
160
450
5.3 · 10-1
••
0034.7418
2.5 A / 125 V
150
375
1.2 · 10 0
••
0034.7419
3.15 A / 125 V
140
445
1.9 · 10 0
••
0034.7420
4 A / 125 V
130
520
3.2 · 10 0
••
0034.7421
5 A / 125 V
120
600
6.1 · 10 0
••
0034.7422
6.3 A / 125 V
115
850
9.7 · 10 0
••
Approvals / Approbationen
C
100 A / 125 V AC
p.f. / cos
1
max. 8.5
Ø 0.6
5.08
1.5
max. 4
Additional technical data and packaging see page 75 / Zusätzliche technische Daten und Verpackung siehe Seite 75


유사한 부품 번호 - FWF

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
FWF-C-S-RU ADAM-TECH-FWF-C-S-RU Datasheet
192Kb / 1P
   IEEE 1394 FIREWIRE SINGLE PORT, THRU-HOLE & SMT
More results

유사한 설명 - FWF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com