전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMC520 데이터시트(PDF) 6 Page - Micross Components

부품명 HMC520
부품 상세설명  Military Radar and ECM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC520 데이터시트(HTML) 6 Page - Micross Components

  HMC520 Datasheet HTML 1Page - Micross Components HMC520 Datasheet HTML 2Page - Micross Components HMC520 Datasheet HTML 3Page - Micross Components HMC520 Datasheet HTML 4Page - Micross Components HMC520 Datasheet HTML 5Page - Micross Components HMC520 Datasheet HTML 6Page - Micross Components HMC520 Datasheet HTML 7Page - Micross Components HMC520 Datasheet HTML 8Page - Micross Components HMC520 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2
2 - 66
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
-60
-50
-40
-30
-20
-10
56789
10
11
RF FREQUENCY (GHz)
LO/IF2
LO/IF1
RF/IF1
RF/IF2
LO/RF
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
56789
10
11
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
56789
10
11
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
Isolations
IF Bandwidth*
-20
-15
-10
-5
0
56789
10
11
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
Upconverter Performance Conversion
Gain vs. LO Drive
Amplitude Balance vs. LO Drive
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF 90° Hybrid
-60
-50
-40
-30
-20
-10
0
56789
10
11
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
Upconverter Performance Sideband
Rejection vs. LO Drive
* Conversion gain data taken with external IF 90° hybrid
HMC520
v01.1007
GaAs MMIC I/Q MIXER
6 - 10 GHz


유사한 부품 번호 - HMC520

제조업체부품명데이터시트부품 상세설명
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
Analog Devices
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
HMC520ALC4 AD-HMC520ALC4 Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
HMC520ALC4TR AD-HMC520ALC4TR Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
More results

유사한 설명 - HMC520

제조업체부품명데이터시트부품 상세설명
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC-C088 HITTITE-HMC-C088 Datasheet
715Kb / 6P
   ECM Systems
List of Unclassifed Manufacturers
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
   ECM Programmable Oscillator
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
   Defense and Military Antennas
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
List of Unclassifed Manufacturers
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
   ECM Surface Mount Crystal
Canopus Electronics (H.K.) Ltd.
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
List of Unclassifed Manufacturers
List of Unclassifed Man...
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
   ECM Flat Radial Coil
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
   ECM TCXO Crystal Oscillator
SG615 ETC1-SG615 Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz