전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMC520 데이터시트(PDF) 7 Page - Micross Components

부품명 HMC520
부품 상세설명  Military Radar and ECM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC520 데이터시트(HTML) 7 Page - Micross Components

  HMC520 Datasheet HTML 1Page - Micross Components HMC520 Datasheet HTML 2Page - Micross Components HMC520 Datasheet HTML 3Page - Micross Components HMC520 Datasheet HTML 4Page - Micross Components HMC520 Datasheet HTML 5Page - Micross Components HMC520 Datasheet HTML 6Page - Micross Components HMC520 Datasheet HTML 7Page - Micross Components HMC520 Datasheet HTML 8Page - Micross Components HMC520 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2
2 - 67
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
5.5
40
41
51
54
6.5
44
48
45
69
7.5
52
62
55
68
8.5
52
66
58
55
9.5
46
59
69
47
10.5
47
60
62
xx
LO = + 15 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-6
37
21
61
131047
60
68
2
90
697269
90
390
90
90
79
90
4
9090909090
RF = 7.6 GHz @ -10 dBm
LO = 7.5 GHz @ +15 dBm
Data taken without IF hybrid
All values in dBc below IF power level
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150°C
Continuous Pdiss (T=85°C)
(derate 7.8 mW/°C above 85°C)
508 mW
Thermal Resistance (R
TH
)
(junction to die bottom)
128.2 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 deg °C
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND PAD IS .004”
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. CONNECTION NOT REQUIRED FOR
UNLABELED BOND PADS.
8. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC520
v01.1007
GaAs MMIC I/Q MIXER
6 - 10 GHz


유사한 부품 번호 - HMC520

제조업체부품명데이터시트부품 상세설명
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
Analog Devices
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
HMC520ALC4 AD-HMC520ALC4 Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
HMC520ALC4TR AD-HMC520ALC4TR Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
More results

유사한 설명 - HMC520

제조업체부품명데이터시트부품 상세설명
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC-C088 HITTITE-HMC-C088 Datasheet
715Kb / 6P
   ECM Systems
List of Unclassifed Manufacturers
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
   ECM Programmable Oscillator
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
   Defense and Military Antennas
ADL Embedded Solutions
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
List of Unclassifed Manufacturers
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
   ECM Surface Mount Crystal
Canopus Electronics (H.K.) Ltd.
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
List of Unclassifed Manufacturers
List of Unclassifed Man...
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
   ECM Flat Radial Coil
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
   ECM TCXO Crystal Oscillator
SG615 ETC1-SG615 Datasheet
67Kb / 1P
   ECM Surface Mount Oscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz