전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LBQH9G-N1OO-35-1 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LBQH9G-N1OO-35-1
부품 상세설명  Signal and Symbol Luminary
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQH9G-N1OO-35-1 데이터시트(HTML) 1 Page - OSRAM GmbH

  LBQH9G-N1OO-35-1 Datasheet HTML 1Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 2Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 3Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 4Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 5Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 6Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 7Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 8Page - OSRAM GmbH LBQH9G-N1OO-35-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-09-02
1
2015-09-02
CHIPLED 0402
Datasheet
Version 1.2
LB QH9G
Features:
Besondere Merkmale:
Package: SMT package 0402, colorless diffused
resin
Gehäusetyp: SMT package 0402, farbloser
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % IV: 115° (horizontal); 170°
(vertical)
Abstrahlwinkel bei 50 % IV: 115° (horizontal);
170° (vertical)
Color: blue (470 nm)
Farbe: blau (470 nm)
Optical efficiency (typ.): 9.8 lm/W (blue)
Optischer Wirkungsgrad (typ.): 9.8 lm/W (blau)
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
Backlighting
Hinterleuchtung
Toys
Spielsachen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Optical Indicator
Optischer Indikator


유사한 부품 번호 - LBQH9G-N1OO-35-1

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
LBQH9G-N1OO-35-1 OSRAM-LBQH9G-N1OO-35-1 Datasheet
741Kb / 21P
   Backlighting
More results

유사한 설명 - LBQH9G-N1OO-35-1

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz