전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWMVSG.EC-AZBZ-4U9X 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 LCWMVSG.EC-AZBZ-4U9X
상세설명  Automotive Interior Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC-AZBZ-4U9X 데이터시트(HTML) 4 Page - OSRAM GmbH

  LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 1Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 2Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC-AZBZ-4U9X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2014-02-21
4
Version 1.0
LCW MVSG.EC
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 25
Farbkoordinaten nach CIE 1931 2) Seite 25
(typ.)
(typ.)
Cx
Cy
0.38
0.38
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 25
Durchlassspannung 3)Seite 25
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
3.05
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / ambient
4) page 25 , 5) page 25
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 25 , 5) Seite 25
(max.)
Rth JA real
360
K/W
Real thermal resistance junction / solder point
5) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 25
(max.)
Rth JS real
130
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite


유사한 부품 번호 - LCWMVSG.EC-AZBZ-4U9X

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
   Small size high-flux LED for slim designs
More results

유사한 설명 - LCWMVSG.EC-AZBZ-4U9X

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com