전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWW5SM-JXKX-4U9X 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 LCWW5SM-JXKX-4U9X
상세설명  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JXKX-4U9X 데이터시트(HTML) 2 Page - OSRAM GmbH

  LCWW5SM-JXKX-4U9X Datasheet HTML 1Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 2Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 3Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 4Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 5Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 6Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JXKX-4U9X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2015-08-20
2
Version 1.2
LCW W5SM
Ordering Information
Bestellinformation
Type:
Color Temperature
Luminous Flux 1) page 25
Ordering Code
Typ:
Farbtemperatur
Lichtstrom 1) Seite 25
Bestellnummer
I
F = 350 mA
[K]
Φ
V [lm]
LCW W5SM-JXKY-4O9Q 3500
45 ... 97
Q65110A9681
LCW W5SM-JXKX-4U9X 2700
45 ... 82
Q65110A9692
LCW W5SM-JYKY-4L8N
4000
52 ... 97
Q65110A9694
LCW W5SM-JYKY-4R9T 3000
52 ... 97
Q65110A9693
LCW W5SM-JYKZ-4J8K
4500
52 ... 112
Q65110A9698
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. LCW W5SM-JXKX-4U9X means
that only one group JX, JY, JZ, KX will be shippable for any packing unit.
In a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on
any one packing unit. LCW W5SM-JXKX-4U9X means that the device will be shipped within the specified limits.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. LCW W5SM-JXKX-4U9X bedeutet,
dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen JX, JY, JZ, KX enhalten ist.
Gleiches gilt für die Farben, bei denen Farbortgruppen gemessen und gruppiert werden. Pro Verpackungseinheit wird nur eine
Farbortgruppe geliefert. Z.B. LCW W5SM-JXKX-4U9X bedeutet, dass in einer Verpackungseinheit nur eine der Farbortgruppen
enthalten ist. LCW W5SM-JXKX-4U9X bedeutet, dass das Bauteil innerhalb der spezifizierten Grenzen geliefert wird.


유사한 부품 번호 - LCWW5SM-JXKX-4U9X

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWW5SM-JXKX-4U9X OSRAM-LCWW5SM-JXKX-4U9X Datasheet
839Kb / 26P
   Furniture Lighting
More results

유사한 설명 - LCWW5SM-JXKX-4U9X

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com