전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWW5SM-JYKZ-4J8K 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LCWW5SM-JYKZ-4J8K
상세설명  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JYKZ-4J8K 데이터시트(HTML) 3 Page - OSRAM GmbH

  LCWW5SM-JYKZ-4J8K Datasheet HTML 1Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 2Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 3Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 4Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 5Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 6Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Version 1.2
LCW W5SM
2015-08-20
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
T
j
175
°C
Junction temperature
Sperrschichttemperatur
T
j
135
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
I
FM
2500
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV
Note:
*The median lifetime (L70/B50) for Tj = 175°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 175°C beträgt 100h.


유사한 부품 번호 - LCWW5SM-JYKZ-4J8K

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWW5SM-JYKZ-4J8K OSRAM-LCWW5SM-JYKZ-4J8K Datasheet
839Kb / 26P
   Furniture Lighting
More results

유사한 설명 - LCWW5SM-JYKZ-4J8K

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com