전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4405COA 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC4405COA
상세설명  1.5A Dual Open-Drain MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4405COA 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC4405COA Datasheet HTML 3Page - Microchip Technology TC4405COA Datasheet HTML 4Page - Microchip Technology TC4405COA Datasheet HTML 5Page - Microchip Technology TC4405COA Datasheet HTML 6Page - Microchip Technology TC4405COA Datasheet HTML 7Page - Microchip Technology TC4405COA Datasheet HTML 8Page - Microchip Technology TC4405COA Datasheet HTML 9Page - Microchip Technology TC4405COA Datasheet HTML 10Page - Microchip Technology TC4405COA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 7
TC4404/TC4405
FIGURE 2-11:
Pull-Up Output Resistance.
FIGURE 2-12:
Pull-Down Output
Resistance.
-55 -35 -15 5 25 45 65 85 105 125
4.0
3.5
3.0
2.5
2.0
4
6
8
14
16
18
25
20
15
10
5
46
8
14
16 18
25
20
15
10
5
W
@ TJ = +150°C
T
@ +25°C
T
@ +25°C
W
@ TJ = +150°C
VDD = 18V
B
I
= 1
1
1
1
1
VDD
-55 -35 -15 5 25 45 65 85 105 125
4.0
3.5
3.0
2.5
2.0
46
8
14
16
18
25
20
15
10
5
4
6
8
14
16 18
25
20
15
10
5
W
@ TJ = +150°C
T
@ +25°C
T
@ +25°C
W
@ TJ = +150°C
VDD = 18V
B
I
= 1
1
1
1
1
VDD


유사한 부품 번호 - TC4405COA

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC4405COA TELCOM-TC4405COA Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4405COA MICROCHIP-TC4405COA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4405COA MICROCHIP-TC4405COA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4405COA MICROCHIP-TC4405COA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

유사한 설명 - TC4405COA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com