전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(HTML) 23 Page - Microchip Technology

부품명 LAN9117
상세내용  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 23 Page - Microchip Technology

Back Button LAN9117 데이터시트 HTML 19Page - Microchip Technology LAN9117 데이터시트 HTML 20Page - Microchip Technology LAN9117 데이터시트 HTML 21Page - Microchip Technology LAN9117 데이터시트 HTML 22Page - Microchip Technology LAN9117 데이터시트 HTML 23Page - Microchip Technology LAN9117 데이터시트 HTML 24Page - Microchip Technology LAN9117 데이터시트 HTML 25Page - Microchip Technology LAN9117 데이터시트 HTML 26Page - Microchip Technology LAN9117 데이터시트 HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 23
LAN9117
Then the Function looks in the frame for 16 repetitions of the MAC address without any breaks or interruptions. In case
of a break in the 16 address repetitions, the PMT Function scans for the 48'hFF_FF_FF_FF_FF_FF pattern again in the
incoming frame.
The 16 repetitions may be anywhere in the frame but must be preceded by the synchronization stream. The device will
also accept a multicast frame, as long as it detects the 16 duplications of the MAC address. If the MAC address of a
node is 00h 11h 22h 33h 44h 55h, then the MAC scans for the following data sequence in an Ethernet: Frame.
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
It should be noted that Magic Packet detection can be performed when LAN9117 is in the D0 or D1 power states. In the
D0 state, “Magic Packet” detection is enabled when the MPEN bit is set. In the D1 state, Magic Packet detection, as
well as wake-up frame detection, are automatically enabled when the device enters the D1 state.
3.6
Host Bus Operations
3.6.1
BUS WRITES
The host processor is required to perform two contiguous 16-bit writes to complete a single DWORD transfer. This
DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot change during a sixteen bit
write). No ordering requirements exist. The processor can access either the low or high word first, as long as the next
write is performed to the other word. If a write to the same word is performed, the LAN9117 disregards the transfer.
3.6.2
BUS READS
The host processor is required to perform two consecutive 16-bit reads to complete a single DWORD transfer. This
DWORD must begin and end on a DWORD address boundary (A[2] and higher, cannot change during a sixteen bit
read). No ordering requirements exist. The processor can access either the low or high word first, as long as the next
read is performed from the other word. If a read to the same word is performed, the data read is invalid and should be
re-read. This is not a fatal error. The LAN9117 will reset its read counters and restart a new cycle on the next read.
3.7
Big and Little Endian Support
The Microchip LAN9117 supports “Big-Endian” or “Little-Endian” processors with 16-bit bus interfaces. To support big-
endian processors, the hardware designer must explicitly invert the layout of the byte lanes. The WORD_SWAP—Word
Swap Control must be set correctly following Table 3-7, "Byte Lane Mapping".
Additionally, please refer to Section 5.3.17, "WORD_SWAP—Word Swap Control," on page 74 for additional informa-
tion on status indication on Endian modes.
TABLE 3-7:
BYTE LANE MAPPING
Mode of Operation
Data Pins
Description
D[15:8]
D[7:0]
Mode 0 (WORD_SWAP—Word Swap Control equal to FFFFFFFFh)
A1 = 0
Byte 3
Byte 2
Note:
This mode can be used by 32-bit proces-
sors operating with an external 16-bit bus.
A1 = 1
Byte 1
Byte 0
Mode 1 (WORD_SWAP—Word Swap Control not equal to FFFFFFFFh)
A1 = 0
Byte 1
Byte 0
Note:
This mode can also be used by native 16-
bit processors.
A1 = 1
Byte 3
Byte 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn