전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9117 데이터시트(PDF) 51 Page - Microchip Technology

부품명 LAN9117
상세설명  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 51 Page - Microchip Technology

Back Button LAN9117 Datasheet HTML 47Page - Microchip Technology LAN9117 Datasheet HTML 48Page - Microchip Technology LAN9117 Datasheet HTML 49Page - Microchip Technology LAN9117 Datasheet HTML 50Page - Microchip Technology LAN9117 Datasheet HTML 51Page - Microchip Technology LAN9117 Datasheet HTML 52Page - Microchip Technology LAN9117 Datasheet HTML 53Page - Microchip Technology LAN9117 Datasheet HTML 54Page - Microchip Technology LAN9117 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002267A-page 51
LAN9117
4.0
INTERNAL ETHERNET PHY
4.1
Top Level Functional Description
Functionally, the internal PHY can be divided into the following sections:
• 100Base-TX transmit and receive
• 10Base-T transmit and receive
• Internal MII interface to the Ethernet Media Access Controller
• Auto-negotiation to automatically determine the best speed and duplex possible
• Management Control to read status registers and write control registers
4.2
100Base-TX Transmit
The data path of the 100Base-TX is shown in Figure 4-1. Each major block is explained below.
4.2.1
4B/5B ENCODING
The transmit data passes from the MII block to the 4B/5B encoder. This block encodes the data from 4-bit nibbles to 5-
bit symbols (known as “code-groups”) according to Table 4-1. Each 4-bit data-nibble is mapped to 16 of the 32 possible
code-groups. The remaining 16 code-groups are either used for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles, 0 through F. The
remaining code-groups are given letter designations with slashes on either side. For example, an IDLE code-group is
/I/, a transmit error code-group is /H/, etc.
The encoding process may be bypassed by clearing bit 6 of register 31. When the encoding is bypassed the 5th transmit
data bit is equivalent to TX_ER.
FIGURE 4-1:
100BASE-TX DATA PATH
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
TX_CLK
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
125 Mbps Serial
MII
25MHz
by 4 bits


유사한 부품 번호 - LAN9117

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117-MD SMSC-LAN9117-MD Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
LAN9117-MT SMSC-LAN9117-MT Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
LAN9117-MT SMSC-LAN9117-MT Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results

유사한 설명 - LAN9117

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com