전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9117 데이터시트(HTML) 52 Page - Microchip Technology

부품명 LAN9117
상세내용  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9117 데이터시트(HTML) 52 Page - Microchip Technology

Back Button LAN9117 데이터시트 HTML 48Page - Microchip Technology LAN9117 데이터시트 HTML 49Page - Microchip Technology LAN9117 데이터시트 HTML 50Page - Microchip Technology LAN9117 데이터시트 HTML 51Page - Microchip Technology LAN9117 데이터시트 HTML 52Page - Microchip Technology LAN9117 데이터시트 HTML 53Page - Microchip Technology LAN9117 데이터시트 HTML 54Page - Microchip Technology LAN9117 데이터시트 HTML 55Page - Microchip Technology LAN9117 데이터시트 HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
LAN9117
DS00002267A-page 52
 2005-2016 Microchip Technology Inc.
4.2.2
SCRAMBLING
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large narrow-band
peaks. Scrambling the data helps eliminate these peaks and spread the signal power more uniformly over the entire
channel bandwidth. This uniform spectral density is required by FCC regulations to prevent excessive EMI from being
radiated by the physical wiring.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
TABLE 4-1:
4B/5B CODE TABLE
Code Group
SYM
Receiver Interpretation
Transmitter Interpretation
11110
0
0
0000
DATA
0
0000
DATA
01001
1
1
0001
1
0001
10100
2
2
0010
2
0010
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
I
IDLE
Sent after /T/R until TX_EN
11000
J
First nibble of SSD, translated to “0101”
following IDLE, else RX_ER
Sent for rising TX_EN
10001
K
Second nibble of SSD, translated to
“0101” following J, else RX_ER
Sent for rising TX_EN
01101
T
First nibble of ESD, causes de-assertion
of CRS if followed by /R/, else assertion of
RX_ER
Sent for falling TX_EN
00111
R
Second nibble of ESD, causes
deassertion of CRS if following /T/, else
assertion of RX_ER
Sent for falling TX_EN
00100
H
Transmit Error Symbol
Sent for rising TX_ER
00110
V
INVALID, RX_ER if during RX_DV
INVALID
11001
V
INVALID, RX_ER if during RX_DV
INVALID
00000
V
INVALID, RX_ER if during RX_DV
INVALID
00001
V
INVALID, RX_ER if during RX_DV
INVALID
00010
V
INVALID, RX_ER if during RX_DV
INVALID
00011
V
INVALID, RX_ER if during RX_DV
INVALID
00101
V
INVALID, RX_ER if during RX_DV
INVALID
01000
V
INVALID, RX_ER if during RX_DV
INVALID
01100
V
INVALID, RX_ER if during RX_DV
INVALID
10000
V
INVALID, RX_ER if during RX_DV
INVALID


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn